Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 305Page - Renesas Technology Corp SH7101 Datasheet HTML 306Page - Renesas Technology Corp SH7101 Datasheet HTML 307Page - Renesas Technology Corp SH7101 Datasheet HTML 308Page - Renesas Technology Corp SH7101 Datasheet HTML 309Page - Renesas Technology Corp SH7101 Datasheet HTML 310Page - Renesas Technology Corp SH7101 Datasheet HTML 311Page - Renesas Technology Corp SH7101 Datasheet HTML 312Page - Renesas Technology Corp SH7101 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 275 of 448
REJ09B0394-0200
9.6.2
TCNT Write and Increment Contention
If a timer counter increment clock pulse is generated during the T3 state of a write cycle to TCNT,
the write takes priority and the timer counter is not incremented. Figure 9.8 shows this operation.
Address
φ
Internal write
signal
TCNT input
clock
TCNT
N
M
T1
T2
TCNT write cycle
Counter write data
T3
TCNT address
Figure 9.8 Contention between TCNT Write and Increment
9.6.3
Changing CKS2 to CKS0 Bit Values
If the values of bits CKS2 to CKS0 in the timer control/status register (TCSR) are rewritten while
the WDT is running, the count may not increment correctly. Always stop the watchdog timer (by
clearing the TME bit to 0) before rewriting the values of bits CKS2 to CKS0.
9.6.4
Changing between Watchdog Timer/Interval Timer Modes
To prevent incorrect operation, always stop the watchdog timer (by clearing the TME bit to 0)
before switching between interval timer mode and watchdog timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com