Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 306Page - Renesas Technology Corp SH7101 Datasheet HTML 307Page - Renesas Technology Corp SH7101 Datasheet HTML 308Page - Renesas Technology Corp SH7101 Datasheet HTML 309Page - Renesas Technology Corp SH7101 Datasheet HTML 310Page - Renesas Technology Corp SH7101 Datasheet HTML 311Page - Renesas Technology Corp SH7101 Datasheet HTML 312Page - Renesas Technology Corp SH7101 Datasheet HTML 313Page - Renesas Technology Corp SH7101 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 276 of 448
REJ09B0394-0200
9.6.5
System Reset by
WDTOVF Signal
If a
WDTOVF output signal is input to the RES pin, the chip cannot initialize correctly.
Avoid logical input of the
WDTOVF signal to the RES input pin. To reset the entire system with
the
WDTOVF signal, use the circuit shown in figure 9.9.
Reset input
Reset signal to entire system
SH7101
RES
WDTOVF
Figure 9.9 Example of System Reset Circuit Using
WDTOVF Signal
9.6.6
Internal Reset in Watchdog Timer Mode
If the RSTE bit is cleared to 0 in watchdog timer mode, the chip will not be reset internally when a
TCNT overflow occurs, but TCNT and TCSR in the WDT will be reset.
9.6.7
Manual Reset in Watchdog Timer Mode
When an internal reset is effected by TCNT overflow in watchdog timer mode, the processor waits
until the end of the bus cycle at the time of manual reset generation before making the transition to
manual reset exception processing.
9.6.8
Notes on Using
WDTOVF pin
The
WDTOVF pin should not be pulled down. However, if it is necessary to pull this pin down, a
resistance of 1 M
Ω or higher should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com