Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 309Page - Renesas Technology Corp SH7101 Datasheet HTML 310Page - Renesas Technology Corp SH7101 Datasheet HTML 311Page - Renesas Technology Corp SH7101 Datasheet HTML 312Page - Renesas Technology Corp SH7101 Datasheet HTML 313Page - Renesas Technology Corp SH7101 Datasheet HTML 314Page - Renesas Technology Corp SH7101 Datasheet HTML 315Page - Renesas Technology Corp SH7101 Datasheet HTML 316Page - Renesas Technology Corp SH7101 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 279 of 448
REJ09B0394-0200
10.2
Input/Output Pins
Table 10.1 shows the SCI pin configuration.
Table 10.1
Pin Configuration
Channel
Pin Name*
I/O
Function
SCK2
I/O
SCI2 clock input/output
RxD2
Input
SCI2 receive data input
2
TxD2
Output
SCI2 transmit data output
SCK3
I/O
SCI3 clock input/output
3
RxD3
Input
SCI3 receive data input
TxD3
Output
SCI3 transmit data output
Note:
*
Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the
channel designation.
10.3
Register Descriptions
The SCI has the following registers for each channel. For details on register addresses and register
states during each processing, refer to section 18, List of Registers.
Channel 2
• Serial Mode Register_2 (SMR_2)
• Bit Rate Register_2 (BRR_2)
• Serial Control Register_2 (SCR_2)
• Transmit Data Register_2 (TDR_2)
• Serial Status Register_2 (SSR_2)
• Receive Data Register_2 (RDR_2)
• Serial Direction Control Register_2 (SDCR_2)
Channel 3
• Serial Mode Register_3 (SMR_3)
• Bit Rate Register_3 (BRR_3)
• Serial Control Register_3 (SCR_3)
• Transmit Data Register_3 (TDR_3)
• Serial Status Register_3 (SSR_3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com