Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 303Page - Renesas Technology Corp SH7101 Datasheet HTML 304Page - Renesas Technology Corp SH7101 Datasheet HTML 305Page - Renesas Technology Corp SH7101 Datasheet HTML 306Page - Renesas Technology Corp SH7101 Datasheet HTML 307Page - Renesas Technology Corp SH7101 Datasheet HTML 308Page - Renesas Technology Corp SH7101 Datasheet HTML 309Page - Renesas Technology Corp SH7101 Datasheet HTML 310Page - Renesas Technology Corp SH7101 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 273 of 448
REJ09B0394-0200
9.5
Interrupt Source
During interval timer mode operation, an overflow generates an interval timer interrupt (ITI). The
interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine.
Table 9.2
WDT Interrupt Source (in Interval Timer Mode)
Name
Interrupt Source
Interrupt Flag
ITI
TCNT overflow
OVF
9.6
Usage Notes
9.6.1
Notes on Register Access
The watchdog timer's TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write to. The procedures for writing to and reading these registers are given
below.
Writing to TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte transfer instructions.
TCNT and TCSR both have the same write address. The write data must be contained in the lower
byte of the written word. The upper byte must be H'5A (for TCNT) or H'A5 (for TCSR) (figure
9.6). This transfers the write data from the lower byte to TCNT or TCSR.
15
8
7
0
15
8
7
0
H'5A
H'A5
Write data
Write data
• Writing to TCNT
• Writing to TCSR
Address: H'FFFF8610
Address: H'FFFF8610
Figure 9.6 Writing to TCNT and TCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com