Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 295Page - Renesas Technology Corp SH7101 Datasheet HTML 296Page - Renesas Technology Corp SH7101 Datasheet HTML 297Page - Renesas Technology Corp SH7101 Datasheet HTML 298Page - Renesas Technology Corp SH7101 Datasheet HTML 299Page - Renesas Technology Corp SH7101 Datasheet HTML 300Page - Renesas Technology Corp SH7101 Datasheet HTML 301Page - Renesas Technology Corp SH7101 Datasheet HTML 302Page - Renesas Technology Corp SH7101 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 486 page
background image
9. Watchdog Timer
Rev.2.00 Sep. 27, 2007 Page 265 of 448
REJ09B0394-0200
9.3
Register Descriptions
The WDT has the following three registers. For details, refer to section 18, List of Registers. To
prevent accidental overwriting, TCSR, TCNT, and RSTCSR have to be written to in a method
different from normal registers. For details, refer to section 9.6.1, Notes on Register Access.
• Timer control/status register (TCSR)
• Timer counter (TCNT)
• Reset control/status register (RSTCSR)
9.3.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable upcounter. When the timer enable bit (TME) in the timer
control/status register (TCSR) is set to 1, TCNT starts counting pulses of an internal clock selected
by clock select bits 2 to 0 (CKS2 to CKS0) in TCSR. When the value of TCNT overflows
(changes from H'FF to H'00), a watchdog timer overflow signal (
WDTOVF) or interval timer
interrupt (ITI) is generated, depending on the mode selected in the WT/
IT bit of TCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com