Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 314Page - Renesas Technology Corp SH7101 Datasheet HTML 315Page - Renesas Technology Corp SH7101 Datasheet HTML 316Page - Renesas Technology Corp SH7101 Datasheet HTML 317Page - Renesas Technology Corp SH7101 Datasheet HTML 318Page - Renesas Technology Corp SH7101 Datasheet HTML 319Page - Renesas Technology Corp SH7101 Datasheet HTML 320Page - Renesas Technology Corp SH7101 Datasheet HTML 321Page - Renesas Technology Corp SH7101 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 284 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1 and 0
Selects the clock source and SCK pin function.
Asynchronous mode:
00: Internal clock, SCK pin used for input pin (input signal
is ignored) or output pin (output level is undefined)
01: Internal clock, SCK pin used for clock output (The
output clock frequency is the same as the bit rate)
10: External clock, SCK pin used for clock input (The
input clock frequency is 16 times the bit rate)
11: External clock, SCK pin used for clock input (The
input clock frequency is 16 times the bit rate)
Clocked synchronous mode:
00: Internal clock, SCK pin used for synchronous clock
output
01: Internal clock, SCK pin used for synchronous clock
output
10: External clock, SCK pin used for synchronous clock
input
11: External clock, SCK pin used for synchronous clock
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com