Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 316Page - Renesas Technology Corp SH7101 Datasheet HTML 317Page - Renesas Technology Corp SH7101 Datasheet HTML 318Page - Renesas Technology Corp SH7101 Datasheet HTML 319Page - Renesas Technology Corp SH7101 Datasheet HTML 320Page - Renesas Technology Corp SH7101 Datasheet HTML 321Page - Renesas Technology Corp SH7101 Datasheet HTML 322Page - Renesas Technology Corp SH7101 Datasheet HTML 323Page - Renesas Technology Corp SH7101 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 286 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
FER
0
R/(W)*
Framing Error
[Setting condition]
• When the stop bit is 0
[Clearing conditions]
• Power-on reset or software standby mode
• When 0 is written to FER after reading FER = 1
In 2-stop-bit mode, only the first stop bit is checked.
The FER flag is not affected and retains their previous
values when the RE bit in SCR is cleared to 0.
3
PER
0
R/(W)*
Parity Error
[Setting condition]
• When a parity error is detected during reception
[Clearing conditions]
• Power-on reset or software standby mode
• When 0 is written to PER after reading PER = 1
The PER flag is not affected and retains their previous
values when the RE bit in SCR is cleared to 0.
2
TEND
1
R
Transmit End
[Setting conditions]
• Power-on reset or software standby mode
• When the TE bit in SCR is 0
• When TDRE = 1 at transmission of the last bit of a 1-
byte serial transmit character
[Clearing condition]
• When 0 is written to TDRE after reading TDRE = 1
1
MPB
0
R
Multiprocessor Bit
MPB stores the multiprocessor bit in the receive data.
When the RE bit in SCR is cleared to 0 its previous state
is retained.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
MPBT sets the multiprocessor bit value to be added to
the transmit data.
Note:
*
Only 0 can be written, for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com