Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 320Page - Renesas Technology Corp SH7101 Datasheet HTML 321Page - Renesas Technology Corp SH7101 Datasheet HTML 322Page - Renesas Technology Corp SH7101 Datasheet HTML 323Page - Renesas Technology Corp SH7101 Datasheet HTML 324Page - Renesas Technology Corp SH7101 Datasheet HTML 325Page - Renesas Technology Corp SH7101 Datasheet HTML 326Page - Renesas Technology Corp SH7101 Datasheet HTML 327Page - Renesas Technology Corp SH7101 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 486 page
background image
10. Serial Communication Interface (SCI)
Rev.2.00 Sep. 27, 2007 Page 290 of 448
REJ09B0394-0200
Operating Frequency P
φ (MHz)
24
25
26
28
30
Logical
Bit Rate
(bit/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
2
212
0.03
2
221
–0.02
2
230
–0.08
2
248
–0.17
3
66
–0.62
150
2
155
0.16
2
162
–0.15
2
168
0.16
2
181
0.16
2
194
0.16
300
2
77
0.16
2
80
0.47
2
84
–0.43
2
90
0.16
2
97
–0.35
600
1
155
0.16
1
162
–0.15
1
168
0.16
1
181
0.16
2
48
–0.35
1200
1
77
0.16
1
80
0.47
1
84
–0.43
1
90
0.16
1
97
–0.35
2400
1
38
0.16
1
40
–0.76
1
41
0.76
1
45
–0.93
1
48
–0.35
4800
0
155
0.16
0
162
–0.15
0
168
0.16
0
181
0.16
0
194
0.16
9600
0
77
0.16
0
80
0.47
0
84
–0.43
0
90
0.16
0
97
–0.35
14400
0
51
0.16
0
53
0.47
0
55
0.76
0
60
–0.39
0
64
0.16
19200
0
38
0.16
0
40
–0.76
0
41
0.76
0
45
–0.93
0
48
–0.35
28800
0
25
0.16
0
26
0.47
0
27
0.76
0
29
1.27
0
32
–1.36
31250
0
23
0.00
0
24
0.00
0
25
0.00
0
27
0.00
0
29
0.00
38400
0
19
–2.34
0
19
1.73
0
20
0.76
0
22
–0.93
0
23
1.73
Operating Frequency P
φ (MHz)
32
34
36
38
40
Logical
Bit Rate
(bit/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
3
70
0.03
3
74
0.62
3
79
–0.12
3
83
0.40
3
88
–0.25
150
2
207
0.16
2
220
0.16
2
233
0.16
2
246
0.16
3
64
0.16
300
2
103
0.16
2
110
–0.29
2
116
0.16
2
123
–0.24
2
129
0.16
600
2
51
0.16
2
54
0.62
2
58
–0.69
2
61
–0.24
2
64
0.16
1200
1
103
0.16
1
110
–0.29
1
116
0.16
1
123
–0.24
1
129
0.16
2400
1
51
0.16
1
51
6.42
1
58
–0.69
1
61
–0.24
1
64
0.16
4800
0
207
0.16
0
220
0.16
0
234
–0.27
0
246
0.16
1
32
–1.36
9600
0
103
0.16
0
110
–0.29
0
116
0.16
0
123
–0.24
0
129
0.16
14400
0
68
0.64
0
73
–0.29
0
77
0.16
0
81
0.57
0
86
–0.22
19200
0
51
0.16
0
54
0.62
0
58
–0.69
0
61
–0.24
0
64
0.16
28800
0
34
–0.79
0
36
–0.29
0
38
0.16
0
40
0.57
0
42
0.94
31250
0
31
0.00
0
33
0.00
0
35
0.00
0
37
0.00
0
39
0.00
38400
0
25
0.16
0
27
–1.18
0
28
1.02
0
30
–0.24
0
32
–1.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com