Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 117Page - Renesas Technology Corp 3886 Datasheet HTML 118Page - Renesas Technology Corp 3886 Datasheet HTML 119Page - Renesas Technology Corp 3886 Datasheet HTML 120Page - Renesas Technology Corp 3886 Datasheet HTML 121Page - Renesas Technology Corp 3886 Datasheet HTML 122Page - Renesas Technology Corp 3886 Datasheet HTML 123Page - Renesas Technology Corp 3886 Datasheet HTML 124Page - Renesas Technology Corp 3886 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2.1 I/O port
2-4
Fig. 2.1.4 Structure of Port control register 1
Fig. 2.1.5 Structure of Port control register 2
Port control register 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Port control register 1 (PCTL1) [Address 2E 16]
PWM1 enable bit
P00–P03 output structure
selection bit
0: PWM0 output disabled
1: PWM0 output enabled
P14–P17 output structure
selection bit
0: CMOS
1: N-channel open-drain
P04–P07 output structure
selection bit
P10–P13 output structure
selection bit
P30–P33 pull-up control bit
P34–P37 pull-up control bit
PWM0 enable bit
0: CMOS
1: N-channel open-drain
0: CMOS
1: N-channel open-drain
0: CMOS
1: N-channel open-drain
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0: PWM1 output disabled
1: PWM1 output enabled
Port control register 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Port control register 2 (PCTL2) [Address 2F 16]
Port output P42/P43 clear
function selection bit
P4 input level selection bit
(P4 2–P46)
0: Automatic set “01 16” to timer 1
and “FF 16” to prescaler 12
1: No automatic set
P8 function selection bit
0: CMOS level input
1: TTL level input
P7 input level selection bit
(P7 0–P75)
P4 output structure selection bit
(P4 2, P43, P44, P46)
INT2, INT3, INT4 interrupt
switch bit
Timer Y count source
selection bit
Oscillation stabilizing time set
after STP instruction released
bit
0: CMOS level input
1: TTL level input
0: CMOS
1: N-channel open-drain
0: Port P8/Port P8 direction
register
1: Port P4 input register/Port P7
input register
0: INT20, INT30, INT40 interrupt
1: INT21, INT31, INT41 interrupt
0: f(XIN)/16 (f(XCIN)/16 in low-
speed mode)
1: f(XCIN)
0: Only software clear
1: Software clear and output data
bus buffer 0 reading
(system bus side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com