Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 120Page - Renesas Technology Corp 3886 Datasheet HTML 121Page - Renesas Technology Corp 3886 Datasheet HTML 122Page - Renesas Technology Corp 3886 Datasheet HTML 123Page - Renesas Technology Corp 3886 Datasheet HTML 124Page - Renesas Technology Corp 3886 Datasheet HTML 125Page - Renesas Technology Corp 3886 Datasheet HTML 126Page - Renesas Technology Corp 3886 Datasheet HTML 127Page - Renesas Technology Corp 3886 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-7
2.1 I/O port
2.1.6 Termination of unused pins
(1)
Terminate unused pins
➀ Output ports : Open
➁ Input ports :
Connect each pin to VCC or VSS through each resistor of 1 k
Ω to 10 kΩ. With regard to ports which
can select the built-in pull-up resistor, the built-in pull-up resistor can be used. As for pins whose
potential affects to operation modes such as CNVSS pin or others, select the VCC pin or the VSS
pin according to their operation mode.
➂ I/O ports :
• Set the I/O ports for the input mode and connect them to VCC or VSS through each resistor of
1 k
Ω to 10 kΩ. With regard to ports which can select the built-in pull-up resistor, the built-in pull-
up resistor can be used.
Set the I/O ports for the output mode and open them at “L” or “H”.
• When opening them in the output mode, the input mode of the initial status remains until the mode
of the ports is switched over to the output mode by the program after reset. Thus, the potential
at these pins is undefined and the power source current may increase in the input mode. With
regard to an effects on the system, thoroughly perform system evaluation on the user side.
• Since the direction register setup may be changed because of a program runaway or noise, set
direction registers by program periodically to increase the reliability of program.
➃ The AVss pin when not using the A-D/D-A converter :
• When not using the A-D/D-A converter, handle a power source pin for the A-D/D-A converter,
AVss pin as follows:
• AVss: Connect to the Vss pin
(2)
Termination remarks
➀ Input ports and I/O ports :
Do not open in the input mode.
q Reason
• The power source current may increase depending on the first-stage circuit.
• An effect due to noise may be easily produced as compared with proper termination ➁ and
➂ shown on the above.
➁ I/O ports :
When setting for the input mode, do not connect to VCC or VSS directly.
q Reason
If the direction register setup changes for the output mode because of a program runaway or
noise, a short circuit may occur between a port and VCC (or VSS).
➂ I/O ports :
When setting for the input mode, do not connect multiple ports in a lump to VCC or VSS through
a resistor.
q Reason
If the direction register setup changes for the output mode because of a program runaway or
noise, a short circuit may occur between ports.
• At the termination of unused pins, perform wiring at the shortest possible distance (20 mm or less)
from microcomputer pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com