Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 122Page - Renesas Technology Corp 3886 Datasheet HTML 123Page - Renesas Technology Corp 3886 Datasheet HTML 124Page - Renesas Technology Corp 3886 Datasheet HTML 125Page - Renesas Technology Corp 3886 Datasheet HTML 126Page - Renesas Technology Corp 3886 Datasheet HTML 127Page - Renesas Technology Corp 3886 Datasheet HTML 128Page - Renesas Technology Corp 3886 Datasheet HTML 129Page - Renesas Technology Corp 3886 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-9
2.2 Interrupt
Fig. 2.2.3 Structure of Interrupt source selection register
Fig. 2.2.4 Structure of Interrupt edge selection register
Interrupt source selection register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
INT0/input buffer full interrupt
source selection bit
INT1/output buffer empty
interrupt source selection bit
0 : INT0 interrupt
1 : Input buffer full interrupt
INT2/I2C interrupt source
selection bit
CNTR1/key-on wake-up
interrupt source selection bit
0 : INT1 interrupt
1 : Output buffer empty interrupt
Serial I/O1 transmit/SCL,SDA
interrupt source selection bit
CNTR0/SCL,SDA interrupt
source selection bit
0 : Serial I/O1 transmit interrupt
1 : SCL,SDA interrupt
0 : CNTR0 interrupt
1 : SCL,SDA interrupt
Serial I/O2/I2C interrupt
source selection bit
0 : Serial I/O2 interrupt
1 : I2C interrupt
0 : INT2 interrupt
1 : I2C interrupt
0 : CNTR1 interrupt
1 : Key-on wake-up interrupt
AD converter/key-on wake-up
interrupt source selection bit
0 : A-D converter interrupt
1 : Key-on wake-up interrupt
✽1: Do not write “1” to these bits simultaneously.
✽2: Do not write “1” to these bits simultaneously.
✽3: Do not write “1” to these bits simultaneously.
Interrupt source selection register [INTSEL: address 003916]
✽1
✽2
✽2
✽3
✽3
✽1
Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt edge selection register (INTEDGE) [Address : 3A16]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
INT0 interrupt edge
selection bit
INT1 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
INT3 interrupt edge
selection bit
INT2 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
✕
✕
✕
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
INT4 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com