| Electronic Components Datasheet Search |
|
3886 Datasheet(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3886 Datasheet(HTML) 129 Page - Renesas Technology Corp |
|
129 / 380 page ![]() 2-12 3886 Group User’s Manual APPLICATION 2.2 Interrupt 2.2.3 Interrupt source The 3886 group permits interrupts of 16 sources among 21 sources. These are vector interrupts with a fixed priority system. Accordingly, when two or more interrupt requests occur during the same sampling, the higher-priority interrupt is accepted first. This priority is determined by hardware, but a variety of priority processing can be performed by software, using an interrupt enable bit and an interrupt disable flag. For interrupt sources, vector addresses and interrupt priority, refer to Table 2.2.1. Table 2.2.1 Interrupt sources, vector addresses and priority of 3886 group Interrupt Request Generating Conditions Remarks Interrupt Source Low FFFC16 FFFA16 FFF816 FFF616 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE616 FFE416 FFE216 FFE016 FFDE16 FFDC16 High FFFD16 FFFB16 FFF916 FFF716 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE716 FFE516 FFE316 FFE116 FFDF16 FFDD16 Priority 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Notes 1: Vector addresses contain interrupt jump destination addresses. 2: Reset function in the same way as an interrupt with the highest priority. Vector Addresses (Note 1) Reset (Note 2) INT0 Input buffer full (IBF) INT1 Output buffer empty (OBE) Serial I/O1 reception Serial I/O1 transmission SCL, SDA Timer X Timer Y Timer 1 Timer 2 CNTR0 SCL, SDA CNTR1 Key-on wake-up Serial I/O2 I2C INT2 I2C INT3 INT4 A-D converter Key-on wake-up BRK instruction At reset At detection of either rising or falling edge of INT0 input At input data bus buffer writing At detection of either rising or falling edge of INT1 input At output data bus buffer read- ing At completion of serial I/O1 data reception At completion of serial I/O1 transfer shift or when transmis- sion buffer is empty At detection of either rising or falling edge of SCL or SDA At timer X underflow At timer Y underflow At timer 1 underflow At timer 2 underflow At detection of either rising or falling edge of CNTR0 input At detection of either rising or falling edge of SCL or SDA At detection of either rising or falling edge of CNTR1 input At falling of port P3 (at input) in- put logical level AND At completion of serial I/O2 data transfer At completion of data transfer At detection of either rising or falling edge of INT2 input At completion of data transfer At detection of either rising or falling edge of INT3 input At detection of either rising or falling edge of INT4 input At completion of A-D conversion At falling of port P3 (at input) in- put logical level AND At BRK instruction execution Non-maskable External interrupt (active edge selectable) External interrupt (active edge selectable) Valid when serial I/O1 is selected Valid when serial I/O1 is selected External interrupt (active edge selectable) STP release timer underflow External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (falling edge valid) Valid when serial I/O2 is selected External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (falling edge valid) Non-maskable software interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |