Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 151Page - Renesas Technology Corp 3886 Datasheet HTML 152Page - Renesas Technology Corp 3886 Datasheet HTML 153Page - Renesas Technology Corp 3886 Datasheet HTML 154Page - Renesas Technology Corp 3886 Datasheet HTML 155Page - Renesas Technology Corp 3886 Datasheet HTML 156Page - Renesas Technology Corp 3886 Datasheet HTML 157Page - Renesas Technology Corp 3886 Datasheet HTML 158Page - Renesas Technology Corp 3886 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 380 page
background image
2-38
3886 Group User’s Manual
APPLICATION
2.3 Timer
(5)
Timer application example 4: Measurement of FG pulse width for motor
Outline: The timer X counts the “H” level width of the pulses input to the P54/CNTR0 pin. An
underflow is detected by the timer X interrupt and an end of the input pulse “H” level is
detected by the CNTR0 interrupt.
Specifications: •The timer X counts the “H” level width of the FG pulse input to the P54/CNTR0 pin.
<Example>
When the clock frequency is 4.19 MHz, the count source is 3.8
µs, which is obtained by dividing
the clock frequency by 16. Measurement can be performed to 250 ms in the range of FFFF16 to
000016.
Figure 2.3.21 shows the timers connection and setting of division ratio; Figure 2.3.22 shows the
relevant registers setting; Figure 2.3.23 shows the control procedure.
Fig. 2.3.21 Timers connection and setting of division ratios
250 ms
1/16
1/256
1/256
f(XIN) = 4.19 MHz
Fixed
Prescaler X
Timer X
Timer X interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com