Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 150Page - Renesas Technology Corp 3886 Datasheet HTML 151Page - Renesas Technology Corp 3886 Datasheet HTML 152Page - Renesas Technology Corp 3886 Datasheet HTML 153Page - Renesas Technology Corp 3886 Datasheet HTML 154Page - Renesas Technology Corp 3886 Datasheet HTML 155Page - Renesas Technology Corp 3886 Datasheet HTML 156Page - Renesas Technology Corp 3886 Datasheet HTML 157Page - Renesas Technology Corp 3886 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-37
2.3 Timer
Fig. 2.3.20 Control procedure
(address 2316)
(address 2016)
(address 2116)
(address 2616)
(address 2716)
(address 3E16), bit6
RESET
SEI
TM
PRE12
T1
PREY
TY
ICON1
TM
CLI
0
IREQ1(address 3C 16), bit5 ?
0
1
RTI
TY (address 2716)
(A)
214 < (A) < 228
0
Fpulse
1
Fpulse
TY
(address 2716)
IREQ1
(address 3C16), bit5
256 – 1
0
(address 2316), bit7
q x: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
•Timer Y operating mode : Event counter mode
(Count a falling edge of pulses input from CNTR 1 pin.)
•Division ratio set so that Timer 1 interrupt will occur at
2 ms intervals.
•Timer Y count start
•Interrupts enabled
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Pop registers pushed to stack
•Counter value initialized
•Timer Y interrupt request bit cleared
Initialization
1110XXXX2
64 – 1
8 – 1
1 – 1
256 – 1
1
•Timer 1 interrupt enabled
Timer 1 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
•Processing as out of range when the count value is 256 or more
•Count value read
•Count value into Accumulator (A) stored
In range
Out of range
•Read value with reference value
compared
•Comparison result to flag Fpulse
stored
Process judgment result
Pop registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com