Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 146Page - Renesas Technology Corp 3886 Datasheet HTML 147Page - Renesas Technology Corp 3886 Datasheet HTML 148Page - Renesas Technology Corp 3886 Datasheet HTML 149Page - Renesas Technology Corp 3886 Datasheet HTML 150Page - Renesas Technology Corp 3886 Datasheet HTML 151Page - Renesas Technology Corp 3886 Datasheet HTML 152Page - Renesas Technology Corp 3886 Datasheet HTML 153Page - Renesas Technology Corp 3886 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-33
2.3 Timer
(3)
Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 4.19 MHz (222 Hz) into about
2 kHz (2048 Hz), is output from the P54/CNTR0 pin.
•The level of the P54/CNTR0 pin is fixed to “H” while a piezoelectric buzzer output
stops.
Figure 2.3.14 shows a peripheral circuit example, and Figure 2.3.15 shows the timers connection and
setting of division ratios. Figures 2.3.16 shows the relevant registers setting, and Figure 2.3.17
shows the control procedure.
Fig. 2.3.14 Peripheral circuit example
Fig. 2.3.15 Timers connection and setting of division ratios
3886 Group
P54/CNTR0
PiPiPi.....
244
µs
CNTR0 output
The “H” level is output while a piezoelectric buzzer output stops.
244
µs
Set a division ratio so that the
underflow output period of the timer X
can be 244
µs.
1/16
1/64
1/2
CNTR0
1
f(XIN) = 4.19 MHz
Fixed
Prescaler X
Timer X
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com