Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 142Page - Renesas Technology Corp 3886 Datasheet HTML 143Page - Renesas Technology Corp 3886 Datasheet HTML 144Page - Renesas Technology Corp 3886 Datasheet HTML 145Page - Renesas Technology Corp 3886 Datasheet HTML 146Page - Renesas Technology Corp 3886 Datasheet HTML 147Page - Renesas Technology Corp 3886 Datasheet HTML 148Page - Renesas Technology Corp 3886 Datasheet HTML 149Page - Renesas Technology Corp 3886 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-29
2.3 Timer
Fig. 2.3.9 Structure of Interrupt control register 1
Fig. 2.3.10 Structure of Interrupt control register 2
Interrupt control register 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt control register 1 (ICON1) [Address : 3E 16]
INT0/input buffer full interrupt
enable bit
INT1/output buffer empty
interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
Timer Y interrupt enable bit
Timer 1 interrupt enable bit
Serial I/O1 receive interrupt
enable bit
Serial I/O1 transmit/S CL, SDA
interrupt enable bit
Timer X interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
Timer 2 interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
Interrupt control register 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt control register 2 (ICON2) [Address : 3F16]
Fix this bit to “0”.
CNTR0/SCL, SDA interrupt
enable bit
CNTR1/key-on wake-up
interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
INT4 interrupt enable bit
AD converter/key-on wake-up
interrupt enable bit
Serial I/O2/I2C interrupt enable
bit
INT2/I2C interrupt enable bit
INT3 interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com