Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 145Page - Renesas Technology Corp 3886 Datasheet HTML 146Page - Renesas Technology Corp 3886 Datasheet HTML 147Page - Renesas Technology Corp 3886 Datasheet HTML 148Page - Renesas Technology Corp 3886 Datasheet HTML 149Page - Renesas Technology Corp 3886 Datasheet HTML 150Page - Renesas Technology Corp 3886 Datasheet HTML 151Page - Renesas Technology Corp 3886 Datasheet HTML 152Page - Renesas Technology Corp 3886 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 380 page
background image
2-32
3886 Group User’s Manual
APPLICATION
2.3 Timer
Fig. 2.3.13 Control procedure
(address 2316)
(address 3C16)
(address 3E16), bit4
RESET
Initialization
SEI
TM
IREQ1
ICON1
PREX
TX
TM
CLI
1
256 – 1
256 – 1
Main processing
TM
PREX
TX
IREQ1
TM
1
256 – 1
256 – 1
0
0
Clock stop ?
N
Y
RTI
(address 2316), bit3
(address 2416)
(address 2516)
(address 3C16), bit4
(address 2316), bit3
CLT (Note 2)
CLD (Note 3)
Push registers to stack
(address 2416)
(address 2516)
(address 2316), bit3
0
<Procedure for completion of clock set>
(Note 1)
Timer X interrupt process routine
Clock count up (1/4 second to year)
Pop registers
xxxx1x002
•All interrupts disabled
•Timer X operating mode : Timer mode
•Timer X interrupt request bit cleared
•Timer X interrupt enabled
•“Division ratio – 1” set to Prescaler X and Timer X
•Timer X count start
•Interrupts enabled
•Timer X count stop
•Timer reset to restart count from 0 second after completion of
clock set
•Timer X count start
Note 2: When using Index X mode flag (T)
Note 3: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Judgment whether clock stops
•Clock counted up
•Pop registers pushed to stack
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
xxx0xxxx2
Note 1: Perform procedure for completion of clock set only
when completing clock set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com