Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 158Page - Renesas Technology Corp 3886 Datasheet HTML 159Page - Renesas Technology Corp 3886 Datasheet HTML 160Page - Renesas Technology Corp 3886 Datasheet HTML 161Page - Renesas Technology Corp 3886 Datasheet HTML 162Page - Renesas Technology Corp 3886 Datasheet HTML 163Page - Renesas Technology Corp 3886 Datasheet HTML 164Page - Renesas Technology Corp 3886 Datasheet HTML 165Page - Renesas Technology Corp 3886 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-45
2.4 Serial I/O
Fig. 2.4.6 Structure of Baud rate generator
Fig. 2.4.7 Structure of Serial I/O2 control register
Baud rate generator
b7b6b5b4b3 b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
?
?
?
?
?
?
?
?
Baud rate generator (BRG) [Address : 1C16]
Set a count value of baud rate generator.
b7b6b5b4b3 b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
Serial I/O2 control register (SIO2CON) [Address : 1D16 ]
Serial I/O2 control register
0
0 0 0: f(XIN)/8
0 0 1: f(XIN)/16
0 1 0: f(XIN)/32
0 1 1: f(XIN)/64
1 1 0: f(XIN)/128
1 1 1: f(XIN)/256
Internal synchronous clock
selection bits
b2 b1 b0
Serial I/O2 port selection bit
0: I/O port (P71, P72)
1: SOUT2,SCLK2 signal output
0
SRDY2 output enable bit
0: I/O port (P73)
1: SRDY2 signal output
Transfer direction selection bit 0: LSB first
1: MSB first
Serial I/O2 synchronous clock
selection bit
0: External clock
1: Internal clock
Comparator reference input
selection bit
0: P00/P3REF input
1: Reference input fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com