Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 160Page - Renesas Technology Corp 3886 Datasheet HTML 161Page - Renesas Technology Corp 3886 Datasheet HTML 162Page - Renesas Technology Corp 3886 Datasheet HTML 163Page - Renesas Technology Corp 3886 Datasheet HTML 164Page - Renesas Technology Corp 3886 Datasheet HTML 165Page - Renesas Technology Corp 3886 Datasheet HTML 166Page - Renesas Technology Corp 3886 Datasheet HTML 167Page - Renesas Technology Corp 3886 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-47
2.4 Serial I/O
Fig. 2.4.10 Structure of Interrupt edge selection register
Interrupt edge selection register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt edge selection register (INTEDGE) [Address : 3A16]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
INT0 interrupt edge
selection bit
INT1 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
INT3 interrupt edge
selection bit
INT2 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
✕
✕
✕
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
INT4 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com