Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 172Page - Renesas Technology Corp 3886 Datasheet HTML 173Page - Renesas Technology Corp 3886 Datasheet HTML 174Page - Renesas Technology Corp 3886 Datasheet HTML 175Page - Renesas Technology Corp 3886 Datasheet HTML 176Page - Renesas Technology Corp 3886 Datasheet HTML 177Page - Renesas Technology Corp 3886 Datasheet HTML 178Page - Renesas Technology Corp 3886 Datasheet HTML 179Page - Renesas Technology Corp 3886 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-59
2.4 Serial I/O
Figure 2.4.26 shows registers setting relevant to Serial I/O1, and Figure 2.4.27 shows a setting of
serial I/O1 transmission data.
Fig. 2.4.27 Setting of serial I/O1 transmission data
Fig. 2.4.26 Registers setting relevant to Serial I/O1
SRDY1
output enable bit : SRDY1 output disabled
Serial I/O1 synchronous clock selection bit : BRG/4
0
Serial I/O1 transmit interrupt enable bit : Interrupt disabled
ICON1
Interrupt control register 1 (Address : 3E16)
Serial I/O1 transmit interrupt request bit
Confirm completion of transmitting
1-byte data by one unit.
“1” : Transmit shift completion
IREQ1
Interrupt request register 1 (Address : 3C16)
00
1
SIO1CON
Serial I/O1 control register (Address : 1A16)
0
0
11
BRG count source selection bit : f(XIN)
Transmit interrupt source selection bit : Transmit shift operating
completion
Transmit enable bit : Transmit enabled
1
Receive enable bit : Receive disabled
b7b0
0
b7b0
b7b0
Serial I/O1 mode selection bit : Clock synchronous serial I/O
Serial I/O1 enable bit : Serial I/O1 enabled
0
P45/TXD P-channel output disable bit : CMOS output
UARTCON
UART control register (Address : 1B16)
b7
b0
7
Set “division ratio – 1”.
BRG
Baud rate generator (Address : 1C16)
b7b0
Set a transmission data.
Confirm that transmission of the previous data is
completed (bit 3 of the Interrupt request register 1
is “1”) before writing data.
TB/RB
Transmit/Receive buffer register (Address : 1816)
b7b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com