Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 174Page - Renesas Technology Corp 3886 Datasheet HTML 175Page - Renesas Technology Corp 3886 Datasheet HTML 176Page - Renesas Technology Corp 3886 Datasheet HTML 177Page - Renesas Technology Corp 3886 Datasheet HTML 178Page - Renesas Technology Corp 3886 Datasheet HTML 179Page - Renesas Technology Corp 3886 Datasheet HTML 180Page - Renesas Technology Corp 3886 Datasheet HTML 181Page - Renesas Technology Corp 3886 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-61
2.4 Serial I/O
Figure 2.4.29 shows registers setting relevant to Serial I/O2, and Figure 2.4.30 shows a setting of
serial I/O2 transmission data.
Fig. 2.4.30 Setting of serial I/O2 transmission data
Fig. 2.4.29 Registers setting relevant to Serial I/O2
Internal synchronous clock selection bits: f(XIN)/32
0
Serial I/O2 transmit interrupt enable bit : Interrupt disabled
ICON2
Interrupt control register 2 (Address : 3F16)
Serial I/O2 transmit interrupt request bit
Confirm completion of transmitting
1-byte data by one unit.
“1” : Transmit shift completion
IREQ2
Interrupt request register 2 (Address : 3D16)
01
0
SIO2CON
Serial I/O2 control register (Address : 1D16)
0
0
11
Serial I/O2 port selection bit: Serial I/O2 used
SRDY2 output enable bit: SRDY2 output not used
X
Transfer direction selection bit: LSB first
b7b0
0
b7b0
b7
b0
Serial I/O2 synchronous clock selection bit: Internal clock
Set a transmission data.
Confirm that transmission of the previous data is
completed (bit 2 of the Interrupt request register 2
is “1”) before writing data.
SIO2
Serial I/O2 register (Address : 1F16)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com