Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 177Page - Renesas Technology Corp 3886 Datasheet HTML 178Page - Renesas Technology Corp 3886 Datasheet HTML 179Page - Renesas Technology Corp 3886 Datasheet HTML 180Page - Renesas Technology Corp 3886 Datasheet HTML 181Page - Renesas Technology Corp 3886 Datasheet HTML 182Page - Renesas Technology Corp 3886 Datasheet HTML 183Page - Renesas Technology Corp 3886 Datasheet HTML 184Page - Renesas Technology Corp 3886 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 380 page
background image
2-64
3886 Group User’s Manual
APPLICATION
2.4 Serial I/O
The communication is performed according to the timing shown in Figure 2.4.33. In the slave unit,
when a synchronous clock is not input within a certain time (heading adjustment time), the next clock
input is processed as the beginning (heading) of a block.
When a clock is input again after one block (8 byte) is received, the clock is ignored.
Figure 2.4.34 shows relevant registers setting.
Fig. 2.4.33 Timing chart
Fig. 2.4.34 Relevant registers setting
D0
Byte cycle
Block transfer term
Block transfer cycle
D1
D2
D7
D0
Interval between blocks
Processing for heading adjustment
Heading adjustment time
Master unit
Transmit enabled
SIO1CON
Serial I/O1 control register (Address : 1A16)
Synchronous clock : BRG/4
Transmit interrupt source :
Transmit shift operating completion
Receive enabled
Clock synchronous serial I/O
0
1
1
110
0
1
Serial I/O1 enabled
BRG count source : f(XIN)
SRDY1
output disabled
Not affected by external clock
Transmit enabled
SIO1CON
Serial I/O1 control register (Address : 1A16)
Not use the serial I/O1 transmit interrupt
Receive enabled
Clock synchronous serial I/O
1
1
1
1
Slave unit
1
Serial I/O1 enabled
0
Synchronous clock : External clock
UARTCON
UART control register (Address : 1B16)
P45/TXD pin : CMOS output
0
Both of units
b7b0
7
BRG
b7b0
Baud rate generator (Address : 1C16)
Set “division ratio – 1”.
b7
b0
b7
b0
SRDY1
output disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com