Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 183Page - Renesas Technology Corp 3886 Datasheet HTML 184Page - Renesas Technology Corp 3886 Datasheet HTML 185Page - Renesas Technology Corp 3886 Datasheet HTML 186Page - Renesas Technology Corp 3886 Datasheet HTML 187Page - Renesas Technology Corp 3886 Datasheet HTML 188Page - Renesas Technology Corp 3886 Datasheet HTML 189Page - Renesas Technology Corp 3886 Datasheet HTML 190Page - Renesas Technology Corp 3886 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 380 page
background image
2-70
3886 Group User’s Manual
APPLICATION
2.4 Serial I/O
Fig. 2.4.40 Registers setting relevant to receiving side
Receiving side
Serial I/O1 status register (Address : 1916)
SIO1STS
BRG
7
Serial I/O1 control register (Address : 1A16)
SIO1CON
10
0
10
1
0
UARTCON
0
10
b7
b0
b7
b0
UART control register (Address : 1B16)
b7
b0
Character length selection bit : 8 bits
Parity enable bit : Parity checking disabled
Stop bit length selection bit : 2 stop bits
Baud rate generator (Address : 1C16)
b7
b0
f(XIN)
Transfer bit rate ✕ 16 ✕ m
–1
Set
When bit 0 of the Serial I/O1 control register (Address : 1A16) is set to “0,”
a value of m is 1.
When bit 0 of the Serial I/O1 control register (Address : 1A16) is set to “1,”
a value of m is 4.
✽
✽
BRG count source selection bit : f(XIN)/4
Serial I/O1 synchronous clock selection bit : BRG/16
Transmit enable bit : Transmit disabled
Receive enable bit : Receive enabled
Serial I/O1 mode selection bit : Asynchronous serial I/O(UART)
Serial I/O1 enable bit : Serial I/O1 enabled
SRDY1
output enable bit : SRDY1 out disabled
Receive buffer full flag
Confirm completion of receiving 1-byte data with this flag.
“1” : At completing reception
“0” : At reading out contents of Receive buffer register
Overrun error flag
“1” : When data is ready in Receive shift register while Receive buffer
register contains the data.
Parity error flag
“1” : When a parity error occurs in enabled parity.
Framing error flag
“1” : When stop bits cannot be detected at the specified timing.
Summing error flag
“1” : When any one of the following errors occurs.
• Overrun error
• Parity error
• Framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com