Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 187Page - Renesas Technology Corp 3886 Datasheet HTML 188Page - Renesas Technology Corp 3886 Datasheet HTML 189Page - Renesas Technology Corp 3886 Datasheet HTML 190Page - Renesas Technology Corp 3886 Datasheet HTML 191Page - Renesas Technology Corp 3886 Datasheet HTML 192Page - Renesas Technology Corp 3886 Datasheet HTML 193Page - Renesas Technology Corp 3886 Datasheet HTML 194Page - Renesas Technology Corp 3886 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 380 page
background image
2-74
3886 Group User’s Manual
APPLICATION
2.4 Serial I/O
(2)
Notes when selecting clock asynchronous serial I/O (Serial I/O1)
➀ Stop of transmission operation
Clear the transmit enable bit to “0” (transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O1 enable bit is cleared to “0” (Serial I/O1 disabled), the internal transmission is running
(in this case, since pins TxD, RxD, SCLK1, and SRDY1 function as I/O ports, the transmission data
is not output). When data is written to the transmit buffer register in this state, data starts to be
shifted to the transmit shift register. When the serial I/O1 enable bit is set to “1” at this time, the
data during internally shifting is output to the TxD pin and an operation failure occurs.
➁ Stop of receive operation
Clear the receive enable bit to “0” (receive disabled).
➂ Stop of transmit/receive operation
Only transmission operation is stopped.
Clear the transmit enable bit to “0” (transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O1 enable bit is cleared to “0” (Serial I/O1 disabled), the internal transmission is running
(in this case, since pins TxD, RxD, SCLK1, and SRDY1 function as I/O ports, the transmission data
is not output). When data is written to the transmit buffer register in this state, data starts to be
shifted to the transmit shift register. When the serial I/O1 enable bit is set to “1” at this time, the
data during internally shifting is output to the TxD pin and an operation failure occurs.
Only receive operation is stopped.
Clear the receive enable bit to “0” (receive disabled).
(3)
SRDY1 output of reception side (Serial I/O1)
When signals are output from the SRDY1 pin on the reception side by using an external clock in the
clock synchronous serial I/O mode, set all of the receive enable bit, the SRDY1 output enable bit, and
the transmit enable bit to “1” (transmit enabled).
(4)
Setting serial I/O1 control register again (Serial I/O1)
Set the serial I/O1 control register again after the transmission and the reception circuits are reset
by clearing both the transmit enable bit and the receive enable bit to “0.”
Fig. 2.4.43 Sequence of setting serial I/O1 control register again
Clear both the transmit enable bit (TE)
and the receive enable bit (RE) to “0”
↓
Set the bits 0 to 3 and bit 6 of the
serial I/O1 control register
↓
Set both the transmit enable bit (TE) and
the receive enable bit (RE), or one of
them to “1”
Can be set with the LDM instruction at the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com