Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 191Page - Renesas Technology Corp 3886 Datasheet HTML 192Page - Renesas Technology Corp 3886 Datasheet HTML 193Page - Renesas Technology Corp 3886 Datasheet HTML 194Page - Renesas Technology Corp 3886 Datasheet HTML 195Page - Renesas Technology Corp 3886 Datasheet HTML 196Page - Renesas Technology Corp 3886 Datasheet HTML 197Page - Renesas Technology Corp 3886 Datasheet HTML 198Page - Renesas Technology Corp 3886 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 380 page
background image
2-78
3886 Group User’s Manual
APPLICATION
2.5 Multi-master I2C-BUS interface
Fig. 2.5.5 Structure of I2C control register
I2C control register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
I2C control register (S1D) [Address :1516]
Bit counter (Number of
transmit/receive bits)
(BC0, BC1, BC2)
0 0 0 : 8
0 0 1 : 7
0 1 0 : 6
0 1 1 : 5
1 0 0 : 4
1 0 1 : 3
1 1 0 : 2
1 1 1 : 1
b2 b1 b0
I2C-BUS interface enable bit
(ES0)
0 : Disabled
1 : Enabled
Data format selection bit
(ALS)
0 : Addressing format
1 : Free data format
Addressing format selection
bit (10 BIT SAD)
0 : 7-bit addressing format
1 : 10-bit addressing format
System clock stop selection
bit (CLKSTP)
I2C-BUS interface pin input
level selection bit (TISS)
0 : System clock stop when
executing WIT or STP
instruction
1 : Not system clock stop when
executing WIT instruction
(Do not use the STP
instruction.)
0 : CMOS input
1 : SMBUS input
Notes : When the read-modify-write instruction is executed for this register at detecting
the START condition or at completing the byte transfer, data may become a
value not intended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com