Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 193Page - Renesas Technology Corp 3886 Datasheet HTML 194Page - Renesas Technology Corp 3886 Datasheet HTML 195Page - Renesas Technology Corp 3886 Datasheet HTML 196Page - Renesas Technology Corp 3886 Datasheet HTML 197Page - Renesas Technology Corp 3886 Datasheet HTML 198Page - Renesas Technology Corp 3886 Datasheet HTML 199Page - Renesas Technology Corp 3886 Datasheet HTML 200Page - Renesas Technology Corp 3886 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 380 page
background image
2-80
3886 Group User’s Manual
APPLICATION
2.5 Multi-master I2C-BUS interface
Fig. 2.5.7 Structure of I2C START/STOP condition control register
Fig. 2.5.8 Structure of Interrupt source selection register
b7b6b5b4b3b2b1b0
B
Function
At reset RW
0
2
3
4
5
6
7
Name
0
I2C START/STOP condition control register (S2D) [Address : 1716]
I2C START/STOP condition control register
0
?
1
START/STOP condition set bit
(SSC0, SSC1, SSC2, SSC3,
SSC4)(Note)
0 : Falling edge active
1 : Rising edge active
SCL/SDA interrupt pin polarity
selection bit(SIP)
SCL/SDA interrupt pin selection
bit (SIS)
SCL release time
=
φ(µs) ✕ (SSC+1)
Set up time
=
φ(µs) ✕ (SSC+1)/2
Hold time
=
φ(µs) ✕ (SSC+1)/2
0 : SDA valid
1 : SCL valid
START/STOP condition
generating selection bit
(STSPSEL)
0
0 : Setup/Hold time short mode
1 : Setup/Hold time long mode
Note: Do not set “000002” or an odd number to the START/STOP condition set bit
(SSC4 to SSC0).
Interrupt source selection register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
INT0/input buffer full interrupt
source selection bit
INT1/output buffer empty
interrupt source selection bit
0 : INT0 interrupt
1 : Input buffer full interrupt
INT2/I2C interrupt source
selection bit
CNTR1/key-on wake-up
interrupt source selection bit
0 : INT1 interrupt
1 : Output buffer empty interrupt
Serial I/O1 transmit/SCL,SDA
interrupt source selection bit
CNTR0/SCL,SDA interrupt
source selection bit
0 : Serial I/O1 transmit interrupt
1 : SCL,SDA interrupt
0 : CNTR0 interrupt
1 : SCL,SDA interrupt
Serial I/O2/I2C interrupt
source selection bit
0 : Serial I/O2 interrupt
1 : I2C interrupt
0 : INT2 interrupt
1 : I2C interrupt
0 : CNTR1 interrupt
1 : Key-on wake-up interrupt
AD converter/key-on wake-up
interrupt source selection bit
0 : A-D converter interrupt
1 : Key-on wake-up interrupt
✽1: Do not write “1” to these bits simultaneously.
✽2: Do not write “1” to these bits simultaneously.
✽3: Do not write “1” to these bits simultaneously.
Interrupt source selection register [INTSEL: address 003916]
✽1
✽2
✽2
✽3
✽3
✽1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com