Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 192Page - Renesas Technology Corp 3886 Datasheet HTML 193Page - Renesas Technology Corp 3886 Datasheet HTML 194Page - Renesas Technology Corp 3886 Datasheet HTML 195Page - Renesas Technology Corp 3886 Datasheet HTML 196Page - Renesas Technology Corp 3886 Datasheet HTML 197Page - Renesas Technology Corp 3886 Datasheet HTML 198Page - Renesas Technology Corp 3886 Datasheet HTML 199Page - Renesas Technology Corp 3886 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-79
2.5 Multi-master I2C-BUS interface
Table 2.5.1 Set value of I2C clock control register and SCL frequency
SCL frequency (Note 1)
(at
φ = 4 MHz, unit : kHz)
Setting value of
CCR4–CCR0
Standard clock
mode
Setting disabled
Setting disabled
Setting disabled
High-speed
clock mode
CCR4
0
0
0
0
0
0
0
1
1
1
CCR3
0
0
0
0
0
0
0
1
1
1
CCR2
0
0
0
0
1
1
1
1
1
1
CCR1
0
0
1
1
0
0
1
0
1
1
CCR0
0
1
0
1
0
1
0
1
0
1
Setting disabled
Setting disabled
Setting disabled
34.5
33.3
32.3
100
83.3
333
250
400 (Note 3)
166
– (Note 2)
– (Note 2)
500/CCR value
1000/CCR value
17.2
16.6
16.1
Notes 1: Duty of SCL clock output is 50 %. The duty becomes 35 to 45 % only when the high-speed clock mode is selected
and CCR value = 5 (400 kHz, at
φ = 4 MHz). “H” duration of the clock fluctuates from –4 to +2 machine cycles in
the standard clock mode, and fluctuates from –2 to +2 machine cycles in the high-speed clock mode. In the case of
negative fluctuation, the frequency does not increase because “L” duration is extended instead of “H” duration
reduction.
These are value when SCL clock synchronization by the synchronous function is not performed. CCR value is the
decimal notation value of the SCL frequency control bits CCR4 to CCR0.
2: Each value of SCL frequency exceeds the limit at
φ = 4 MHz or more. When using these setting value, use φ of
4 MHz or less.
3: The data formula of SCL frequency is described below:
φ/(8 ✕ CCR value) Standard clock mode
φ/(4 ✕ CCR value) High-speed clock mode (CCR value ≠ 5)
φ/(2 ✕ CCR value) High-speed clock mode (CCR value = 5)
Do not set 0 to 2 as CCR value regardless of
φ frequency.
Set 100 kHz (max.) in the standard clock mode and 400 kHz (max.) in the high-speed clock mode to the SCL
frequency by setting the SCL frequency control bits CCR4 to CCR0.
Fig. 2.5.6 Structure of I2C clock control register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
2
3
4
5
6
7
Name
I2C clock control register (S2) [Address : 1616]
I2C clock control register
0
0
0
1
SCL frequency control bits
(CCR0, CCR1, CCR2, CCR3,
CCR4)
0 : Standard clock mode
1 : High-speed clock mode
SCL mode specification bit
(FAST MODE)
ACK bit (ACK BIT)
ACK clock bit (ACK)
0 : ACK is returned
1 : ACK is not returned
0 : No ACK clock
1 : ACK clock
Refer to Table 2.5.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com