Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 226Page - Renesas Technology Corp 3886 Datasheet HTML 227Page - Renesas Technology Corp 3886 Datasheet HTML 228Page - Renesas Technology Corp 3886 Datasheet HTML 229Page - Renesas Technology Corp 3886 Datasheet HTML 230Page - Renesas Technology Corp 3886 Datasheet HTML 231Page - Renesas Technology Corp 3886 Datasheet HTML 232Page - Renesas Technology Corp 3886 Datasheet HTML 233Page - Renesas Technology Corp 3886 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-113
2.6 PWM
Fig. 2.6.11 PWM0 output
Control procedure: PWM waveform is output to the external by setting relevant registers shown
Figure 2.6.9. This PWM0 output is integrated through the low pass filter and
converted into DC signals for control of the VS tuner.
Figure 2.6.10 shows the control procedure.
Fig. 2.6.10 Control procedure
2.6.4 Notes on PWM
qFor PWM0 output, “L” level is output first.
qAfter data is set to the PWM0L and the PWM0H registers, PWM waveform corresponding to the new data
is output from next repetitive period.
PWM0H (address 003016)
PWM0L (address 003116)
Data to be
output
After setting data, PWM waveform
corresponding to the new data is output from
the next repetitive period.
PCTL1 (address 002E16), bit6
1
PWM0 enabled
ADCON (address 003416), bit4
0
P56/DA1/PWM01 pin set as the PWM output pin
PWM0 output data is
updated.
Updated data is output from next
repetitive period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com