Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 233Page - Renesas Technology Corp 3886 Datasheet HTML 234Page - Renesas Technology Corp 3886 Datasheet HTML 235Page - Renesas Technology Corp 3886 Datasheet HTML 236Page - Renesas Technology Corp 3886 Datasheet HTML 237Page - Renesas Technology Corp 3886 Datasheet HTML 238Page - Renesas Technology Corp 3886 Datasheet HTML 239Page - Renesas Technology Corp 3886 Datasheet HTML 240Page - Renesas Technology Corp 3886 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 380 page
background image
2-120
3886 Group User’s Manual
APPLICATION
2.7 A-D converter
2.7.4 Notes on A-D converter
(1)
Analog input pin
Make the signal source impedance for analog input low, or equip an analog input pin with an external
capacitor of 0.01
µF to 1 µF. Further, be sure to verify the operation of application products on the
user side.
q Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A-D conversion precision to be worse.
(2)
A-D converter power source pin
The AVSS pin is an A-D converter power source pin. Regardless of using the A-D conversion function
or not, connect them as following :
• AVSS : Connect to the VSS line
q Reason
If the AVSS pin id opened, the microcomputer may have a failure because of noise or others.
(3)
Clock frequency during A-D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A-D conversion.
• f(XIN) is 500 kHz or more
• Do not execute the STP instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com