Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 235Page - Renesas Technology Corp 3886 Datasheet HTML 236Page - Renesas Technology Corp 3886 Datasheet HTML 237Page - Renesas Technology Corp 3886 Datasheet HTML 238Page - Renesas Technology Corp 3886 Datasheet HTML 239Page - Renesas Technology Corp 3886 Datasheet HTML 240Page - Renesas Technology Corp 3886 Datasheet HTML 241Page - Renesas Technology Corp 3886 Datasheet HTML 242Page - Renesas Technology Corp 3886 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2.8 D-A Converter
2-122
2.8.2 Relevant registers
Fig. 2.8.2 Structure of Port P5 direction register
Fig. 2.8.3 Structure of AD/DA control register
Port P5 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P5 direction register
(P5D: address 0B16)
0 : Port P50 input mode
1 : Port P50 output mode
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0 : Port P52 input mode
1 : Port P52 output mode
0
0 : Port P53 input mode
1 : Port P53 output mode
0
0 : Port P54 input mode
1 : Port P54 output mode
0
0 : Port P55 input mode
1 : Port P55 output mode
0
0 : Port P56 input mode
1 : Port P56 output mode
0
0 : Port P57 input mode
1 : Port P57 output mode
0
Port P5 direction
register
0 : Port P51 input mode
1 : Port P51 output mode
AD/DA control register
b7 b6 b5 b4 b3 b2 b1 b0
AD/DA control register
(ADCON: address 3416)
b
0
1
2
Name
0
Functions
At reset R W
0
0
1
Analog input pin
selection bits
b2 b1 b0
0 0 0: P60/AN0
0 0 1: P61/AN1
0 1 0: P62/AN2
0 1 1: P63/AN3
1 0 0: P64/AN4
1 0 1: P65/AN5
1 1 0: P66/AN6
1 1 1: P67/AN7
3
0
PWM0 output pin
selection bit
0: P56/PWM01
1: P30/PWM00
AD conversion
completion bit
0: Conversion in progress
1: Conversion completed
4
0
5
0
DA1 output enable
bit
0: DA1 output disabled
1: DA1 output enabled
0
DA2 output enable
bit
0: DA2 output disabled
1: DA2 output enabled
6
7
PWM1 output pin
selection bit
0: P57/PWM11
1: P31/PWM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com