Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 238Page - Renesas Technology Corp 3886 Datasheet HTML 239Page - Renesas Technology Corp 3886 Datasheet HTML 240Page - Renesas Technology Corp 3886 Datasheet HTML 241Page - Renesas Technology Corp 3886 Datasheet HTML 242Page - Renesas Technology Corp 3886 Datasheet HTML 243Page - Renesas Technology Corp 3886 Datasheet HTML 244Page - Renesas Technology Corp 3886 Datasheet HTML 245Page - Renesas Technology Corp 3886 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-125
2.8 D-A Converter
Fig. 2.8.7 Relevant registers setting
b7
b0
Port P5 direction register (P5D) (address 0B16)
P56/DA1: Input mode
D-A1 conversion register (DA1) (address 3616)
Timer XY mode register (TM) (address 2316)
Set conversion value (n)
0
b7
b0
b7
b0
AD/DA control register (ADCON) (address 3416)
DA1 output enabled
1
b7
b0
1
0
0
Timer X count: Stop
Timer mode
Prescaler X (PREX) (address 2416)
b7
b0
0116
Set division ratio —1
Timer X (TX) (address 2516)
b7
b0
D616
Set division ratio —1
b7
b0
Interrupt request register 1 (IREQ1) (address 3C16)
Timer X interrupt request
0
b7
b0
Interrupt control register 1 (ICON1) (address 3E16)
Timer X interrupt: Enabled
1
Timer XY mode register (TM) (address 2316 )
b7
b0
0
Timer X count: Start
0
0
Analog voltage V =
VREF
× n
256
(n=0 to 255)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com