Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 242Page - Renesas Technology Corp 3886 Datasheet HTML 243Page - Renesas Technology Corp 3886 Datasheet HTML 244Page - Renesas Technology Corp 3886 Datasheet HTML 245Page - Renesas Technology Corp 3886 Datasheet HTML 246Page - Renesas Technology Corp 3886 Datasheet HTML 247Page - Renesas Technology Corp 3886 Datasheet HTML 248Page - Renesas Technology Corp 3886 Datasheet HTML 249Page - Renesas Technology Corp 3886 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-129
2.9 Bus interface
Fig. 2.9.2 Structure of Data bus buffer register i
2.9.2 Relevant registers
Fig. 2.9.3 Structure of Data bus buffer status register i
Data bus buffer register i
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
?
?
?
?
?
?
?
?
Data bus buffer register i (DBBi) (i=0, 1) [Address : 2816/2B16]
• Buffer register to write output data and read input data.
• at write: data is written to output data buffer register.
• at read: the contents of input data buffer register are read out.
Note: Output data bus buffer and input data bus buffer are assigned to the same address.
The contents of output data bus buffer register cannot be read out.
Writing to input data bus buffer register is disabled.
7
Data bus buffer status register i
b7b6b5b4b3b2b1b0
B
Function
At reset RW
0
1
2
3
4
Name
0
0
0
0
0
Output buffer full flag i
Input buffer full flag i
0 : Buffer empty
1 : Buffer full
User definable flags (This flag can be defined by user freely.)
A0i flag
User definable flags (This flag can be defined by user freely.)
0 : Buffer empty
1 : Buffer full
This flag indicates the condition of
A0i status when the IBFi flag is set.
Data bus buffer status register i (DBBSTSi) (i=0, 1) [Address 2916/2C16]
50
60
0
✕
✕
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com