Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 243Page - Renesas Technology Corp 3886 Datasheet HTML 244Page - Renesas Technology Corp 3886 Datasheet HTML 245Page - Renesas Technology Corp 3886 Datasheet HTML 246Page - Renesas Technology Corp 3886 Datasheet HTML 247Page - Renesas Technology Corp 3886 Datasheet HTML 248Page - Renesas Technology Corp 3886 Datasheet HTML 249Page - Renesas Technology Corp 3886 Datasheet HTML 250Page - Renesas Technology Corp 3886 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 380 page
background image
2-130
3886 Group User’s Manual
APPLICATION
2.9 Bus interface
Fig. 2.9.4 Structure of Data bus buffer control register
Fig. 2.9.5 Structure of Interrupt source selection register
0 : P42 functions as port I/O pin.
1 : P42 functions as OBF00 output
pin.
Data bus buffer control register
b7b6b5b4b3b2b1b0
B
Function
At reset RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Data bus buffer control register (DBBCON) [Address 2A16]
Fix this bit to “0”.
Data bus buffer enable bit
Data bus buffer function
selection bit
0 : P50–P53, P8 I/O port
1 : Data bus buffer enabled
OBF10 output enable bit
Input level selection bit
OBF0 output selection bit
OBF00 output enable bit
OBF01 output enable bit
0 : Single data bus buffer mode
(P4 7 functions as I/O port.)
1 : Double data bus buffer mode
(P4 7 functions as S1 input.)
0 : OBF00 valid
1 : OBF01 valid
0 : P43 functions as port I/O pin.
1 : P43 functions as OBF01 output
pin.
0 : P46 functions as port I/O pin.
1 : P46 functions as OBF10 output
pin.
0 : CMOS level input
1 : TTL level input
Interrupt source selection register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
INT0/input buffer full interrupt
source selection bit
INT1/output buffer empty
interrupt source selection bit
0 : INT0 interrupt
1 : Input buffer full interrupt
INT2/I2C interrupt source
selection bit
CNTR1/key-on wake-up
interrupt source selection bit
0 : INT1 interrupt
1 : Output buffer empty interrupt
Serial I/O1 transmit/SCL,SDA
interrupt source selection bit
CNTR0/SCL,SDA interrupt
source selection bit
0 : Serial I/O1 transmit interrupt
1 : SCL,SDA interrupt
0 : CNTR0 interrupt
1 : SCL,SDA interrupt
Serial I/O2/I2C interrupt
source selection bit
0 : Serial I/O2 interrupt
1 : I2C interrupt
0 : INT2 interrupt
1 : I2C interrupt
0 : CNTR1 interrupt
1 : Key-on wake-up interrupt
AD converter/key-on wake-up
interrupt source selection bit
0 : A-D converter interrupt
1 : Key-on wake-up interrupt
✽1: Do not write “1” to these bits simultaneously.
✽2: Do not write “1” to these bits simultaneously.
✽3: Do not write “1” to these bits simultaneously.
Interrupt source selection register (INTSEL) [Address 3916]
✽1
✽2
✽2
✽3
✽3
✽1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com