Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 309Page - Renesas Technology Corp 3886 Datasheet HTML 310Page - Renesas Technology Corp 3886 Datasheet HTML 311Page - Renesas Technology Corp 3886 Datasheet HTML 312Page - Renesas Technology Corp 3886 Datasheet HTML 313Page - Renesas Technology Corp 3886 Datasheet HTML 314Page - Renesas Technology Corp 3886 Datasheet HTML 315Page - Renesas Technology Corp 3886 Datasheet HTML 316Page - Renesas Technology Corp 3886 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3.2 Standard characteristics
3-20
Fig. 3.2.5 Power source current characteristic examples (in middle-speed mode, WAIT execution)
Fig. 3.2.6 Power source current characteristic examples (in low-speed mode)
0.0
VDD [V]
ICC [mA]
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.125
0.250
0.375
0.500
0.625
0.750
0.875
1.000
6.0
[Measuring condition: 25
°C, in middle-speed mode, WAIT execution]
: 10MHz
: 8MHz
: 4MHz
: 2MHz
: 500kHz
Note: External clock input
0.0
VDD [V]
ICC [
µA]
2.53.03.54.04.5
5.0
5.5
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
6.0
: Normal operation
: Wait instruction
: Normal operation (oscillator)
: Wait instruction (oscillator)
[Measuring condition: 25
°C, in low-speed mode]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com