Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 311Page - Renesas Technology Corp 3886 Datasheet HTML 312Page - Renesas Technology Corp 3886 Datasheet HTML 313Page - Renesas Technology Corp 3886 Datasheet HTML 314Page - Renesas Technology Corp 3886 Datasheet HTML 315Page - Renesas Technology Corp 3886 Datasheet HTML 316Page - Renesas Technology Corp 3886 Datasheet HTML 317Page - Renesas Technology Corp 3886 Datasheet HTML 318Page - Renesas Technology Corp 3886 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3.2 Standard characteristics
3-22
3.2.2 Port standard characteristic examples
Figures 3.2.8, Figures 3.2.9, Figures 3.2.10, Figures 3.2.11, Figure 3.2.12, and Figure 3.2.13 show port
standard characteristic examples.
Fig. 3.2.8 Standard characteristic examples of CMOS output port at P-channel drive (Ta=25 °C)
Fig. 3.2.9 Standard characteristic examples of CMOS output port at P-channel drive (Ta=90 °C)
0
VOH [V]
IOH
[mA]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vcc=4.0V
5.5
Vcc=5V
Vcc=2.7V
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
Port P00 IOH-VOH characteristics (P-channel drive) [Ta=25
°C]
(Pins with same characteristic: P0, P1, P2, P3, P4, P5, P6, P8)
0
VOH [V]
IOH
[mA]
0.51.0
1.52.02.5
3.03.54.04.55.0
Vcc=4.0V
5.5
Vcc=5V
Vcc=2.7V
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
Port P00 IOH-VOH characteristics (P-channel drive) [Ta=90
°C]
(Pins with same characteristic: P0, P1, P2, P3, P4, P5, P6, P8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com