Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 130Page - Renesas Technology Corp 32182 Datasheet HTML 131Page - Renesas Technology Corp 32182 Datasheet HTML 132Page - Renesas Technology Corp 32182 Datasheet HTML 133Page - Renesas Technology Corp 32182 Datasheet HTML 134Page - Renesas Technology Corp 32182 Datasheet HTML 135Page - Renesas Technology Corp 32182 Datasheet HTML 136Page - Renesas Technology Corp 32182 Datasheet HTML 137Page - Renesas Technology Corp 32182 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 755 page
background image
5
5-17
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
Figure 5.5.2 Typical Handler Operation for Interrupts from Internal Peripheral I/O
5.5 Description of Interrupt Operation
Note 1: For operations at EIT acceptance and return from EIT, also see Section 4.3, "EIT Processing Procedure."
Note 2: Do not read the Interrupt Vector Register (IVECT) or write to the Interrupt Request Mask Register (IMASK)
in the EIT handler unless interrupts are disabled (PSW register IE bit = 0).
Note 3: When multiple interrupts are disabled, execute processing in [4]. Processing in [4] is unnecessary if multiple
interrupts are enabled by executing processing in [6] and [9].
Note 4: To enable multiple interrupts, execute processing in [6] and [9].
Note 5: To reenable interrupts (by setting the IE bit to 1) after reading the Interrupt Vector Register (IVECT),
perform a dummy access to the internal memory, etc. before reenabling interrupts. In the example here,
there is no need to add a dummy access because the ICU vector table is read after reading the IVECT register.
Similarly, to reenable interrupts (by setting the IE bit to 1) after writing to the Interrupt Request Mask Register
(IMASK), perform a dummy access to the internal memory, etc. before reenabling interrupts.
H'0000 0080
BRA instruction
Read Interrupt Vector
Register (IVECT)
Read ICU vector table
Branch to the interrupt handler
for each internal peripheral I/O
RTE
H'0080 0004
H'0000 0094
H'0000 0113
Interrupt
handler
EI (External Interrupt)
handler
EI (External Interrupt)
vector entry
Interrupt handler
start address
Program being
executed
Interrupt
generated
IVECT
Save BPC to the stack
Save PSW to the stack
Save general-purpose
registers to the stack
Restore BPC from the stack
Restore PSW from the stack
Restore general-purpose
registers from the stack
Read and save Interrupt
Request Mask Register
(IMASK) to the stack
IMASK
H'0080 0000
Set PSW register IE bit to 1
Clear PSW register
IE bit to 0
Restore Interrupt Request
Mask Register (IMASK)
from the stack
[1]
[2]
[3]
[5]
[7]
[8]
[9]
[6]
[10]
[11]
ICU vector table
(Note 1)
(Note 1)
Hardware preprocessing
when EIT is accepted
Hardware postprocessing
when RTE instruction
is executed
Read and overwrite
Interrupt Request Mask
Register (IMASK)
[4]
[12]
(Note 2)
(Note 2)
(Note 3)
(Note 4)
(Note 5)
(Note 4)
(Note 2)
Interrupt
handler
[1] to [12]: Processing of EI
by interrupt handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com