| Electronic Components Datasheet Search |
|
32182 Datasheet(PDF) 130 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32182 Datasheet(HTML) 130 Page - Renesas Technology Corp |
|
130 / 755 page ![]() 5 5-13 INTERRUPT CONTROLLER (ICU) 32182 Group User’s Manual (Rev.1.0) Figure 5.5.1 Example of Priority Resolution when Accepting Interrupt Requests 5.5 Description of Interrupt Operation 5.5.1 Acceptance of Internal Peripheral I/O Interrupts An interrupt request from any internal peripheral I/O is checked to see whether or not to accept by comparing its ILEVEL value set in the Interrupt Control Register and the IMASK value of the Interrupt Request Mask Register. If its priority is higher than the IMASK value, the interrupt request is accepted. However, if two or more interrupt requests occur simultaneously, the Interrupt Controller resolves priority between these interrupt requests follow- ing the procedure described below. 1) The ILEVEL values set in the Interrupt Control Registers for the respective internal peripheral I/Os are compared with each other. 2) If the ILEVEL values are the same, priorities are resolved according to the predetermined hardware priority. 3) The ILEVEL and IMASK values are compared. If two or more interrupt requests occur simultaneously, the Interrupt Controller first compares their priority levels set in each Interrupt Control Register’s ILEVEL bit to select an interrupt request that has the highest priority. If the interrupt requests have the same ILEVEL value, their priorities are resolved according to the hardware fixed priority. The interrupt request thus selected has its ILEVEL value compared with the IMASK value and if its priority is higher than the IMASK value, the Interrupt Controller sends an EI request to the CPU. Interrupt requests may be masked by setting the Interrupt Request Mask Register and the Interrupt Control Register’s ILEVEL bit (disabled at level 7) provided for each internal peripheral I/O and the PSW register IE bit. 5.5 Description of Interrupt Operation Interrupt requested or not Resolve priority according to Interrupt Priority Level (ILEVEL) Resolve priority according to hardware priority Compare with IMASK value TIN3-6 input interrupt request TIO4-7 output interrupt request TOP8,9 output interrupt request SIO0 transmit interrupt request DMA0-4 interrupt request A-D0 conversion interrupt request (ILEVEL settings) Level 3 Level 4 Level 5 Level 3 Level 1 Level 3 Not requested Requested Requested Requested Requested Requested Hardware fixed priority Accept interrupt if PSW register IE bit = 1 Level 3 Level 3 Level 3 Can be accepted when IMASK = 4-7 1) 2) 3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |