Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp 32182 Datasheet HTML 126Page - Renesas Technology Corp 32182 Datasheet HTML 127Page - Renesas Technology Corp 32182 Datasheet HTML 128Page - Renesas Technology Corp 32182 Datasheet HTML 129Page - Renesas Technology Corp 32182 Datasheet HTML 130Page - Renesas Technology Corp 32182 Datasheet HTML 131Page - Renesas Technology Corp 32182 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 755 page
background image
5
5-11
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.3 Interrupt Request Sources in Internal Peripheral I/O
The Interrupt Controller receives as inputs the interrupt requests from MJT (multijunction timer), DMAC, serial I/O,
A-D converter, RTD and CAN. For details about these interrupts, see each section in which the relevant internal
peripheral I/O is described.
Table 5.3.1 Interrupt Request Sources in Internal Peripheral I/O
Interrupt Request Sources
Contents
Number of
ICU Type of Input
Input Sources
Source ( Note 1)
TIN3–6 input interrupt request
TIN3 input
1
Level-recognized
TIN20–29 input interrupt request
TIN20–TIN23 inputs
4
Level-recognized
TIN12–19 input interrupt request
TIN16–TIN19 inputs
4
Level-recognized
TIN0–2 input interrupt request
TIN0 input
1
Level-recognized
TMS0,1 output interrupt request
TMS0, TMS1 output
2
Level-recognized
TOP8,9 output interrupt request
TOP8, TOP9 output
2
Level-recognized
TOP10 output interrupt request
TOP10 output
1
Edge-recognized
TIO4–7 output interrupt request
TIO4–TIO7 outputs
4
Level-recognized
TIO8,9 output interrupt request
TIO8, TIO9 outputs
2
Level-recognized
TOP0–5 output interrupt request
TOP0–TOP5 outputs
6
Level-recognized
TOP6,7 output interrupt request
TOP6–TOP7 outputs
2
Level-recognized
TIO0–3 output interrupt request
TIO0–TIO3 outputs
4
Level-recognized
DMA0-4 interrupt request
DMA0–4 transfer completed
5
Level-recognized
SIO1 receive interrupt request
SIO1 reception-completed or receive error interrupt
1
Edge-recognized
SIO1 transmit interrupt request
SIO1 transmission-completed or transmit buffer empty
1
Edge-recognized
interrupt
SIO0 receive interrupt request
SIO0 reception-completed or receive error interrupt
1
Edge-recognized
SIO0 transmit interrupt request
SIO0 transmission-completed or transmit buffer empty
1
Edge-recognized
interrupt
A-D0 conversion interrupt request
A-D0 converter’s scan mode one-shot operation,
1
Edge-recognized
single mode or comparate mode completed
DMA5–9 interrupt request
DMA5–9 transfer completed
5
Level-recognized
SIO2,3 transmit/receive interrupt
SIO2,3 reception-completed or receive error interrupt,
4
Level-recognized
request
transmission-completed or transmit buffer empty interrupt
RTD interrupt request
RTD interrupt generation command
1
Edge-recognized
CAN0 transmit/receive & error
CAN0 transmission or reception completed, CAN0 error
35
Level-recognized
interrupt request
passive, CAN0 error bus-off, CAN0 bus error, single shot
CAN1 transmit/receive & error
CAN1 transmission or reception completed, CAN1 error
35
Level-recognized
interrupt request
passive, CAN1 error bus-off, CAN1 bus error, single shot
Note 1: ICU type of input source
• Edge-recognized: Interrupt requests are generated on a falling edge of the interrupt signal supplied to the ICU.
• Level-recognized: Interrupt requests are generated when the interrupt signal supplied to the ICU is held low. For
this type of interrupt, the ICU’s Interrupt Control Register IRQ bit cannot be set or cleared in software.
5.3 Interrupt Request Sources in Internal Peripheral I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com