Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 121Page - Renesas Technology Corp 32182 Datasheet HTML 122Page - Renesas Technology Corp 32182 Datasheet HTML 123Page - Renesas Technology Corp 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp 32182 Datasheet HTML 126Page - Renesas Technology Corp 32182 Datasheet HTML 127Page - Renesas Technology Corp 32182 Datasheet HTML 128Page - Renesas Technology Corp 32182 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 755 page
background image
5
5-8
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.2 ICU Related Registers
5.2.4 Interrupt Control Registers
CAN0 Transmit/Receive & Error Interrupt Control Register (ICAN0CR)
<Address: H’0080 0060>
RTD Interrupt Control Register (IRTDCR)
<Address: H’0080 0067>
SIO2,3 Transmit/Receive Interrupt Control Register (ISIO23CR)
<Address: H’0080 0068>
DMA5–9 Interrupt Control Register (IDMA59CR)
<Address: H’0080 0069>
A-D0 Conversion Interrupt Control Register (IAD0CCR)
<Address: H’0080 006C>
SIO0 Transmit Interrupt Control Register (ISIO0TXCR)
<Address: H’0080 006D>
SIO0 Receive Interrupt Control Register (ISIO0RXCR)
<Address: H’0080 006E>
SIO1 Transmit Interrupt Control Register (ISIO1TXCR)
<Address: H’0080 006F>
SIO1 Receive Interrupt Control Register (ISIO1RXCR)
<Address: H’0080 0070>
DMA0–4 Interrupt Control Register (IDMA04CR)
<Address: H’0080 0071>
TIO0–3 Output Interrupt Control Register (ITIO03CR)
<Address: H’0080 0072>
TOP6,7 Output Interrupt Control Register (ITOP67CR)
<Address: H’0080 0073>
TOP0–5 Output Interrupt Control Register (ITOP05CR)
<Address: H’0080 0074>
TIO8,9 Output Interrupt Control Register (ITIO89CR)
<Address: H’0080 0075>
TIO4–7 Output Interrupt Control Register (ITIO47CR)
<Address: H’0080 0076>
TOP10 Output Interrupt Control Register (ITOP10CR)
<Address: H’0080 0077>
TOP8,9 Output Interrupt Control Register (ITOP89CR)
<Address: H’0080 0078>
TMS0,1 Output Interrupt Control Register (ITMS01CR)
<Address: H’0080 0079>
TIN0–2 Input Interrupt Control Register (ITIN02CR)
<Address: H’0080 007B>
TIN12–19 Input Interrupt Control Register (ITIN1219CR)
<Address: H’0080 007C>
TIN20–29 Input Interrupt Control Register (ITIN2029CR)
<Address: H’0080 007D>
TIN3–6 Input Interrupt Control Register (ITIN36CR)
<Address: H’0080 007E>
CAN1 Transmit/Receive & Error Interrupt Control Register (ICAN1CR)
<Address: H’0080 007F>
9
10
11
12
13
14
b15)
(b8
123456
b7
b0
ILEVEL
IREQ
0
111
0
0
0
0
<After reset: H’07>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0"
00
(8–10)
3
IREQ
<When edge recognized>
R
W
(11)
Interrupt request bit
At read
0: Interrupt not requested
1: Interrupt requested
At write
0: Clear interrupt request
1: Generate interrupt request
<When level-recognized>
R
0
At read
0: Interrupt not requested
1: Interrupt requested
4
No function assigned. Fix to "0"
00
(12)
5–7
ILEVEL
000: Interrupt priority level 0
R
W
(13–15)
Interrupt priority level bits
001: Interrupt priority level 1
010: Interrupt priority level 2
011: Interrupt priority level 3
100: Interrupt priority level 4
101: Interrupt priority level 5
110: Interrupt priority level 6
111: Interrupt priority level 7 (interrupt disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com