Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 117Page - Renesas Technology Corp 32182 Datasheet HTML 118Page - Renesas Technology Corp 32182 Datasheet HTML 119Page - Renesas Technology Corp 32182 Datasheet HTML 120Page - Renesas Technology Corp 32182 Datasheet HTML 121Page - Renesas Technology Corp 32182 Datasheet HTML 122Page - Renesas Technology Corp 32182 Datasheet HTML 123Page - Renesas Technology Corp 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 755 page
background image
5
5-4
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.2 ICU Related Registers
5.2 ICU Related Registers
The diagram below shows a register map associated with the Interrupt Controller (ICU).
ICU Related Register Map
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0000
Interrupt Vector Register
5-5
(IVECT)
H'0080 0002
(Use inhibited area)
H'0080 0004
Interrupt Request Mask Register
(Use inhibited area)
5-6
(IMASK)
H'0080 0006
SBI Control Register
(Use inhibited area)
5-7
(SBICR)
(Use inhibited area)
H'0080 0060
CAN0 Transmit/Receive & Error Interrupt Control Register
(Use inhibited area)
5-8
(ICAN0CR)
(Use inhibited area)
H'0080 0066
(Use inhibited area)
RTD Interrupt Control Register
5-8
(IRTDCR)
H'0080 0068
SIO2,3 Transmit/Receive Interrupt Control Register
DMA5–9 Interrupt Control Register
5-8
(ISIO23CR)
(IDMA59CR)
H'0080 006A
(Use inhibited area)
H'0080 006C
A-D0 Conversion Interrupt Control Register
SIO0 Transmit Interrupt Control Register
5-8
(IAD0CCR)
(ISIO0TXCR)
H'0080 006E
SIO0 Receive Interrupt Control Register
SIO1 Transmit Interrupt Control Register
5-8
(ISIO0RXCR)
(ISIO1TXCR)
H'0080 0070
SIO1 Receive Interrupt Control Register
DMA0–4 Interrupt Control Register
5-8
(ISIO1RXCR)
(IDMA04CR)
H'0080 0072
TIO0–3 Output Interrupt Control Register
TOP6,7 Output Interrupt Control Register
5-8
(ITIO03CR)
(ITOP67CR)
H'0080 0074
TOP0–5 Output Interrupt Control Register
TIO8,9 Output Interrupt Control Register
5-8
(ITOP05CR)
(ITIO89CR)
H'0080 0076
TIO4–7 Output Interrupt Control Register
TOP10 Output Interrupt Control Register
5-8
(ITIO47CR)
(ITOP10CR)
H'0080 0078
TOP8,9 Output Interrupt Control Register
TMS0,1 Output Interrupt Control Register
5-8
(ITOP89CR)
(ITMS01CR)
H'0080 007A
(Use inhibited area)
TIN0–2 Input Interrupt Control Register
5-8
(ITIN02CR)
H'0080 007C
TIN12–19 Input Interrupt Control Register
TIN20–29 Input Interrupt Control Register
5-8
(ITIN1219CR)
(ITIN2029CR)
H'0080 007E
TIN3–6 Input Interrupt Control Register
CAN1 Transmit/Receive & Error Interrupt Control Register
5-8
(ITIN36CR)
(ICAN1CR)
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com