Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 115Page - Renesas Technology Corp 32182 Datasheet HTML 116Page - Renesas Technology Corp 32182 Datasheet HTML 117Page - Renesas Technology Corp 32182 Datasheet HTML 118Page - Renesas Technology Corp 32182 Datasheet HTML 119Page - Renesas Technology Corp 32182 Datasheet HTML 120Page - Renesas Technology Corp 32182 Datasheet HTML 121Page - Renesas Technology Corp 32182 Datasheet HTML 122Page - Renesas Technology Corp 32182 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 755 page
background image
5
5-2
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.1 Outline of the Interrupt Controller
The Interrupt Controller (ICU) manages maskable interrupts from internal peripheral I/Os and a system break
interrupt (SBI). The maskable interrupts from internal peripheral I/Os are sent to the M32R CPU as external
interrupts (EI).
The maskable interrupts from internal peripheral I/Os are managed by assigning them one of eight priority levels
including an interrupt-disabled state. If two or more interrupt requests with the same priority level occur at the
same time, their priorities are resolved by predetermined hardware priority. The source of an interrupt request
generated in internal peripheral I/Os is identified by reading the relevant interrupt status register provided for
internal peripheral I/Os.
On the other hand, the system break interrupt (SBI) is recognized when a low-going transition occurs on the SBI#
signal input pin. This interrupt is used for emergency purposes such as when power outage is detected or a fault
condition is notified by an external watchdog timer, so that it is always accepted irrespective of the PSW register
IE bit status. After processing of an SBI, shut down or reset the system without returning to the program that was
being executed when the interrupt occurred.
Specifications of the Interrupt Controller are outlined below.
Table 5.1.1 Outline of the Interrupt Controller (ICU)
Item
Specification
Interrupt request source
Maskable interrupt requests from internal peripheral I/Os: 23 sources (Note 1)
System break interrupt request: 1 source (input from SBI# pin)
Priority management
8 priority levels including an interrupt-disabled state
(However, interrupts with the same priority level have their priorities resolved by fixed
hardware priority.)
Note 1: There are actually a total of 123 interrupt request resources when counted individually, which are grouped into 23
interrupt request resources.
5.1 Outline of the Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com