Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 113Page - Renesas Technology Corp 32182 Datasheet HTML 114Page - Renesas Technology Corp 32182 Datasheet HTML 115Page - Renesas Technology Corp 32182 Datasheet HTML 116Page - Renesas Technology Corp 32182 Datasheet HTML 117Page - Renesas Technology Corp 32182 Datasheet HTML 118Page - Renesas Technology Corp 32182 Datasheet HTML 119Page - Renesas Technology Corp 32182 Datasheet HTML 120Page - Renesas Technology Corp 32182 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 755 page
background image
4
4-22
EIT
32182 Group User’s Manual (Rev.1.0)
4.13 Precautions on EIT
4.13 Precautions on EIT
The Address Exception (AE) requires caution because if one of the instructions that use “register indirect + register
update” addressing mode (following three) generates an address exception when it is executed, the values of the
registers to be automatically updated (Rsrc and Rsrc2) become undefined.
Except that the values of Rsrc and Rsrc2 become undefined, these instructions behave the same way as when
used in other addressing modes.
• Applicable instructions
LD
Rdest, @Rsrc+
ST
Rsrc1, @-Rsrc2
ST
Rsrc1, @+Rsrc2
If the above case applies, consider the fact that the register values become undefined when you design the processing
to be performed after executing said instructions. (If an address exception occurs, it means that the system has some
fatal fault already existing in it. Therefore, address exceptions must be used on condition that control will not be returned
from the address exception handler to the program that was being executed when the exception occurred.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com