Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 119Page - Renesas Technology Corp 32182 Datasheet HTML 120Page - Renesas Technology Corp 32182 Datasheet HTML 121Page - Renesas Technology Corp 32182 Datasheet HTML 122Page - Renesas Technology Corp 32182 Datasheet HTML 123Page - Renesas Technology Corp 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp 32182 Datasheet HTML 126Page - Renesas Technology Corp 32182 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 755 page
background image
5
5-6
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.2 ICU Related Registers
5.2.2 Interrupt Request Mask Register
Interrupt Request Mask Register (IMASK)
<Address: H’0080 0004>
123456
b7
b0
IMASK
111
0
0
0
0
0
<After reset: H’07>
b
Bit Name
Function
R
W
0–4
No function assigned. Fix to "0"
00
5–7
IMASK
000: Disable maskable interrupts
R
W
Interrupt request mask bit
001: Accept interrupts with priority level 0
010: Accept interrupts with priority levels 0–1
011: Accept interrupts with priority levels 0–2
100: Accept interrupts with priority levels 0–3
101: Accept interrupts with priority levels 0–4
110: Accept interrupts with priority levels 0–5
111: Accept interrupts with priority levels 0–6
The Interrupt Request Mask Register (IMASK) is used to finally determine whether or not to accept an interrupt
request after comparing its priority with the priority levels (Interrupt Control Register ILEVEL bits) that have been
set for each interrupt request source.
When the Interrupt Vector Register (IVECT) described above is read, the interrupt priority level of the accepted
interrupt request source is set in this IMASK register as a new mask value.
When any value is written to the IMASK register, operations (1) to (2) below are automatically performed in
hardware.
(1) The interrupt request (EI) to the CPU core is deasserted.
(2) The ICU’s internal sequencer is activated to start internal processing (interrupt priority resolution).
Notes: • Do not write to the Interrupt Request Mask Register (IMASK) in the EIT handler unless interrupts
are disabled (PSW register IE bit = "0").
• To reenable interrupts (by setting the IE bit to "1") after writing to the Interrupt Request Mask
Register (IMASK), perform a dummy access to the internal memory, etc. before reenabling inter-
rupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com