Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 120Page - Renesas Technology Corp 32182 Datasheet HTML 121Page - Renesas Technology Corp 32182 Datasheet HTML 122Page - Renesas Technology Corp 32182 Datasheet HTML 123Page - Renesas Technology Corp 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp 32182 Datasheet HTML 126Page - Renesas Technology Corp 32182 Datasheet HTML 127Page - Renesas Technology Corp 32182 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 755 page
background image
5
5-7
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.2 ICU Related Registers
5.2.3 SBI (System Break Interrupt) Control Register
SBI (System Break Interrupt) Control Register (SBICR)
<Address: H’0080 0006>
123456
b7
b0
SBIREQ
0
0
0
0
0
0
0
0
<After reset: H’00>
b
Bit Name
Function
R
W
0–6
No function assigned. Fix to "0"
00
7
SBIREQ
0: SBI not requested
R(Note 1)
SBI request bit
1: SBI requested
Note 1: This bit can only be cleared (see below)
The System Break Interrupt (SBI) is an interrupt request generated by a falling edge on the SBI# signal input pin.
When a falling edge on the SBI# signal input pin is detected and this bit is set to "1", a system break interrupt
(SBI) request is generated to the CPU.
This bit cannot be set to "1" in software, it can only be cleared.
To clear this bit to "0", follow the procedure described below.
1. Write "1" to the SBI request bit.
2. Write "0" to the SBI request bit.
Note: • Unless this bit is set to "1", do not perform the above clearing operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com