Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 123Page - Renesas Technology Corp 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp 32182 Datasheet HTML 126Page - Renesas Technology Corp 32182 Datasheet HTML 127Page - Renesas Technology Corp 32182 Datasheet HTML 128Page - Renesas Technology Corp 32182 Datasheet HTML 129Page - Renesas Technology Corp 32182 Datasheet HTML 130Page - Renesas Technology Corp 32182 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 755 page
background image
5
5-10
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.2 ICU Related Registers
(2) ILEVEL (Interrupt Priority Level) (Bits 5–7 or bits 13–15)
These bits set the priority levels of interrupt requests from each internal peripheral I/O. Set these bits to ‘111’
to disable or any value ‘000’ through ‘110’ to enable the interrupt from some internal peripheral I/O.
When an interrupt occurs, the Interrupt Controller resolves priority between this interrupt and other interrupt
sources based on ILEVEL settings and finally compares priority with the IMASK value to determine whether
to forward an EI request to the CPU or keep the interrupt request pending.
The table below shows the relationship between ILEVEL settings and the IMASK values at which interrupts
are accepted.
Table 5.2.1 ILEVEL Settings and Accepted IMASK Values
ILEVEL values set
IMASK values at which interrupts are accepted
0 (ILEVEL = "000")
Accepted when IMASK is 1–7
1 (ILEVEL = "001")
Accepted when IMASK is 2–7
2 (ILEVEL = "010")
Accepted when IMASK is 3–7
3 (ILEVEL = "011")
Accepted when IMASK is 4–7
4 (ILEVEL = "100")
Accepted when IMASK is 5–7
5 (ILEVEL = "101")
Accepted when IMASK is 6–7
6 (ILEVEL = "110")
Accepted when IMASK is 7
7 (ILEVEL = "111")
Not accepted (interrupts disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com