Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 122Page - Renesas Technology Corp 32182 Datasheet HTML 123Page - Renesas Technology Corp 32182 Datasheet HTML 124Page - Renesas Technology Corp 32182 Datasheet HTML 125Page - Renesas Technology Corp 32182 Datasheet HTML 126Page - Renesas Technology Corp 32182 Datasheet HTML 127Page - Renesas Technology Corp 32182 Datasheet HTML 128Page - Renesas Technology Corp 32182 Datasheet HTML 129Page - Renesas Technology Corp 32182 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 755 page
background image
5
5-9
INTERRUPT CONTROLLER (ICU)
32182 Group User’s Manual (Rev.1.0)
5.2 ICU Related Registers
(1) IREQ (Interrupt Request) bit (Bit 3 or 11)
When an interrupt request from some internal peripheral I/O occurs, the corresponding IREQ (Interrupt Re-
quest) bit is set to "1".
This bit can be set and cleared in software for only edge-recognized interrupt request sources (and not for
level-recognized interrupt request sources). Also, when this bit is set by an edge-recognized interrupt re-
quest generated, it is automatically cleared to "0" by reading the Interrupt Vector Register (IVECT) (not
cleared in the case of level-recognized interrupt request).
If the IREQ bit is cleared in software at the same time it is set by an interrupt request generated, clearing in
software has priority. Also, if the IREQ bit is cleared by reading the Interrupt Vector Register (IVECT) at the
same time it is set by an interrupt request generated, clearing by a read of the IVECT register has priority.
Note: • External Interrupt (EI) to the CPU core is not deasserted by clearing the IREQ bit. External
Interrupt (EI) to the CPU core can only be deasserted by the following operation:
(1) Reset
(2) IVECT register read
(3) Write to the IMASK register
Figure 5.2.1 Configuration of the Interrupt Control Register (Edge-recognized Type)
Interrupt request from
each internal peripheral I/O
Interrupt enabled
ILEVEL
(levels 0-7)
Data bus
Bits 5-7 or bits 13-15
3
F/F
Set
Set/clear
IREQ
Interrupt priority
resolving circuit
F/F
Reset
IVECT read
IMASK write
Clear
To the CPU core
Bit 3 or 11
Set
EI
Interrupt request from each
group internal peripheral I/O
Interrupt enabled
b3, b11
Data bus
b5-b7, b13-b15
Read
3
IREQ
Read-only circuit
ILEVEL
(levels 0-7)
Group interrupt
Interrupt priority
resolving circuit
F/F
Clear
To the CPU core
Set
EI
Reset
IVECT read
IMASK write
Figure 5.2.2 Configuration of the Interrupt Control Register (Level-recognized Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com