Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 133Page - Renesas Technology Corp 32182 Datasheet HTML 134Page - Renesas Technology Corp 32182 Datasheet HTML 135Page - Renesas Technology Corp 32182 Datasheet HTML 136Page - Renesas Technology Corp 32182 Datasheet HTML 137Page - Renesas Technology Corp 32182 Datasheet HTML 138Page - Renesas Technology Corp 32182 Datasheet HTML 139Page - Renesas Technology Corp 32182 Datasheet HTML 140Page - Renesas Technology Corp 32182 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 755 page
background image
6
6-2
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.1 Outline of the Internal Memory
The 32182 internally contains the following types of memory:
• 64-Kbyte RAM
• 384-Kbytes flash memory
6.2 Internal RAM
Specifications of the internal RAM are shown below.
Table 6.2.1 Specifications of the Internal RAM
Item
Specification
Size
64 Kbytes
Location address
H’0080 4000 to H’0081 3FFF
Wait insertion
Operates with zero wait states
Internal bus connection
Connected by 32-bit bus
Dual port
By using the Real-Time Debugger (RTD), data can be read (monitored) or written to any area of
the internal RAM via serial communication from external devices independently of the CPU. (See
Chapter 14, “Real-Time Debugger.”)
Notes: • Immediately after power-on reset (for the power-on case in which VDDE also goes up from GND), the value of the
RAM is undefined.
• If the RAM is reset during RAM backup (power for only VDDE is on), the RAM retains the value it had immediately
before being reset.
6.3 Internal Flash Memory
Specifications of the internal flash memory are shown below.
Table 6.3.1 Specifications of the Internal Flash Memory
Item
Specification
Size
M32182F3: 384 Kbytes
M32182F8: 1 Mbyte
Location address
M32182F3: H’0000 0000 to H’0005 FFFF
M32182F8: H’0000 0000 to H’000F FFFF
Wait insertion
Operates with one wait state
Durability
Can be rewritten 100 times
Internal bus connection
Instruction access: Connected by 64-bit bus (Transfer rates equivalent to zero wait states on 32-bit
bus are possible.)
Data access: Connected by 32-bit bus
Other
Virtual flash emulation function is incorporated. (See Section 6.6, “Virtual Flash Emulation Function.”)
6.1 Outline of the Internal Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com