Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 136Page - Renesas Technology Corp 32182 Datasheet HTML 137Page - Renesas Technology Corp 32182 Datasheet HTML 138Page - Renesas Technology Corp 32182 Datasheet HTML 139Page - Renesas Technology Corp 32182 Datasheet HTML 140Page - Renesas Technology Corp 32182 Datasheet HTML 141Page - Renesas Technology Corp 32182 Datasheet HTML 142Page - Renesas Technology Corp 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 755 page
background image
6
6-5
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.4 Registers Associated with the Internal Flash Memory
6.4 Registers Associated with the Internal Flash Memory
A register map associated with the internal flash memory is shown below.
Internal Flash Memory Related Register Map
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 01E0
Flash Mode Register
Flash Status Register 1
6-5
(FMOD)
(FSTAT1)
6-6
H'0080 01E2
Flash Control Register 1
Flash Control Register 2
6-8
(FCNT1)
(FCNT2)
6-9
H'0080 01E4
Flash Control Register 3
Flash Control Register 4
6-10
(FCNT3)
(FCNT4)
H'0080 01E6
(Use inhibited area)
H'0080 01E8
Virtual Flash S Bank Register 0
6-12
(FESBANK0)
H'0080 01EA
Virtual Flash S Bank Register 1
6-12
(FESBANK1)
H'0080 01EC
Virtual Flash S Bank Register 2
6-12
(FESBANK2)
H'0080 01EE
Virtual Flash S Bank Register 3
6-12
(FESBANK3)
H'0080 01F0
Virtual Flash S Bank Register 4
6-12
(FESBANK4)
H'0080 01F2
Virtual Flash S Bank Register 5
6-12
(FESBANK5)
H'0080 01F4
Virtual Flash S Bank Register 6
6-12
(FESBANK6)
H'0080 01F6
Virtual Flash S Bank Register 7
6-12
(FESBANK7)
6.4.1 Flash Mode Register
Flash Mode Register (FMOD)
<Address: H’0080 01E0>
123456
b7
b0
FPMOD
?
0
0
0
0
0
0
0
<After reset: H’0?>
b
Bit Name
Function
R
W
0–6
No function assigned. Fix to "0"
00
7
FPMOD
0: FP pin = "low"
R
–
External FP pin status bit
1: FP pin = "high"
The Flash Mode Register (FMOD) is a read-only status register, with its FPMOD bit indicating the FP (Flash
Protect) pin status.
The internal flash memory is enabled for programming or erase operation only when FPMOD = "1", and is
protected against programming or erase operation when FPMOD = "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com