Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 137Page - Renesas Technology Corp 32182 Datasheet HTML 138Page - Renesas Technology Corp 32182 Datasheet HTML 139Page - Renesas Technology Corp 32182 Datasheet HTML 140Page - Renesas Technology Corp 32182 Datasheet HTML 141Page - Renesas Technology Corp 32182 Datasheet HTML 142Page - Renesas Technology Corp 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp 32182 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 755 page
background image
6
6-6
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.4 Registers Associated with the Internal Flash Memory
6.4.2 Flash Status Registers
There are two registers to indicate the status of the internal flash memory: Flash Status Register 1 (FSTAT1)
located in the SFR area (H’0080 01E1) and Flash Status Register 2 (FSTAT2) included in the internal flash
memory. Use these two status registers (FSTAT1 and FSTAT2) to control the programming or erase operation
performed on the internal flash memory.
Flash Status Register 1 (FSTAT1)
<Address: H’0080 01E1>
9
1011121314
b15
b8
FSTAT
1
0
0
0
0
0
0
0
<After reset: H’01>
b
Bit Name
Function
R
W
8–14
No function assigned. Fix to "0".
00
15
FSTAT
0: Busy
R
–
Ready/busy status bit
1: Ready
Flash Status Register 1 (FSTAT1) is a read-only status register used to know the status of the programming or
erase operation performed on the internal flash memory. When FSTAT = "0" (busy), the internal flash memory is
being programmed or erased, during which time do not start a new programming or erase operation on it. When
FSTAT = "1" (ready), a new programming or erase operation can be started on it.
Furthermore, while FSTAT = "0" (busy), do not operate on the FCNT4 register FRESET bit described later.
6.4.3 Flash Status Register 2 (FSTAT2)
Flash Status Register 2 (FSTAT2)
9
1011121314
b15
b8
WRERR2
WRERR1
ERASE
FBUSY
1
00
0
0
0
0
0
<After reset: H’80>
b
Bit Name
Function
R
W
8
FBUSY
0: Being programmed or erased
R
–
Flash busy bit
1: Ready state
9
No function assigned. Fix to "0".
0–
10
ERASE
0: Erase normally operating or terminated
R
–
Erase status confirmation bit
1: Erase error occurred
11
WRERR1
0: Programming normally operating or terminated
R
–
Write status confirmation bit 1
1: Programming error occurred
12
WRERR2
0: Programming normally operating or terminated
R
–
Write status confirmation bit 2
1: Over-programming occurred
13–15
No function assigned. Fix to "0".
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com