Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 141Page - Renesas Technology Corp 32182 Datasheet HTML 142Page - Renesas Technology Corp 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp 32182 Datasheet HTML 145Page - Renesas Technology Corp 32182 Datasheet HTML 146Page - Renesas Technology Corp 32182 Datasheet HTML 147Page - Renesas Technology Corp 32182 Datasheet HTML 148Page - Renesas Technology Corp 32182 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 755 page
background image
6
6-10
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.4 Registers Associated with the Internal Flash Memory
Flash Control Register 3 (FCNT3)
<Address: H’0080 01E4>
123456
b7
b0
FELEVEL
0
0
0
0
0
0
0
0
<After reset: H’00>
b
Bit Name
Function
R
W
0–6
No function assigned. Fix to "0".
00
7
FELEVEL
0: Normal level
R
W
Erase margin-up bit
1: Raise erase margin up
Flash Control Register 3 (FCNT3) controls the depth of erase levels when erasing the internal flash memory with one
of erase commands. The internal flash memory erase level can be deepened by setting the FELEVEL bit to "1".
Flash Control Register 4 (FCNT4)
<Address: H’0080 01E5>
9
1011121314
b15
b8
FRESET
0
0
0
0
0
0
0
0
<After reset: H’00>
b
Bit Name
Function
R
W
8–14
No function assigned. Fix to "0".
00
15
FRESET
0: No operation
R
W
Flash reset bit
1: Reset
Flash Control Register 4 (FCNT4) controls initializing each status bit of Flash Status Register 2 (FSTAT2) or
canceling a programming/erase operation.
Setting the FRESET bit to "1" initializes each status bit of the FSTAT2 register or cancels a programming/erase
operation.
The FRESET bit is effective only when the FENTRY bit = "1". If the FENTRY bit = "0", the FRESET bit informa-
tion is ignored.
When programming or easing the internal flash memory, make sure the FRESET bit remains "0".
An example for clearing each status of FSTAT2 during a programming/erase operation, and an example for
forcibly terminating (canceling) a programming/erase operation due to time-out are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com